Electronic Components Datasheet Search
  English  ▼

X  

OC-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OC-3
Description  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OC-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OC-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
3/10
Date: 2003/02/17
http:// www.ritekom.com
Receiver Electro-optical Characteristics
(Vcc = 3.1 V to 3.5 V, TS3-0155-32S-P1: TA = 0 °C to 70 °C, TS3-0155-32S-P1-E: TA = −40 °C to 85°C)
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNITS
NOTE
Data Rate
B
50
155
200
Mb/s
Optical Input Power-maximum
PIN
0
---
---
dBm
Note 1
Optical Input Power-minimum
(Sensitivity)
PIN
---
---
−34
dBm
Note 1
Operating Center Wavelength
λC
1100
---
1600
nm
Signal Detect-Asserted
PA
---
---
−34
dBm
Average
Signal Detect-Deasserted
PD
−47
---
---
dBm
Average
Signal Detect-Hysteresis
PA − PD
1.0
---
---
dB
Signal Detect Assert Time
TSD+
---
---
100
µs
Signal Detect Desssert Time
TSD−
---
---
100
µs
Signal Detect Output voltage-High
VOH − VCC
−1.1
---
−0.74
V
Note 2
Signal Detect Output voltage-Low
VOL − VCC
−2.0
---
−1.58
V
Note 2
Power Supply Current
ICC
---
---
100
mA
Note 3
Data Output Rise, Fall Time (10
−90%)
Tr, f
---
1
2
ns
Data Output Voltage-High
VOH − VCC
−1.1
---
−0.74
V
Note 2
Data Output Voltage-Low
VOL − VCC
−2.0
---
−1.58
V
Note 2
Note 1: The input data is at 155.52 Mbps, 223
−1 PRBS data pattern with 72 “1”s and 72 “0”s inserted per the ITU-T
recommendation G.958 Appendix 1. The receiver is guaranteed to provide output data with Bit Error Rate (BER)
better than or equal to 1
×10−10.
Note 2: These outputs are compatible with 10K, 10KH and 100K ECL and PECL input.
Note 3: The current exclude the output load current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com