Electronic Components Datasheet Search
  English  ▼

X  

MP2617BGL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 13Page - Monolithic Power Systems MP2617BGL Datasheet HTML 14Page - Monolithic Power Systems MP2617BGL Datasheet HTML 15Page - Monolithic Power Systems MP2617BGL Datasheet HTML 16Page - Monolithic Power Systems MP2617BGL Datasheet HTML 17Page - Monolithic Power Systems MP2617BGL Datasheet HTML 18Page - Monolithic Power Systems MP2617BGL Datasheet HTML 19Page - Monolithic Power Systems MP2617BGL Datasheet HTML 20Page - Monolithic Power Systems MP2617BGL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
17
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Close to 100% duty operation, BST refresh
operation makes sure the driver voltage of the
HS will be charged by turning on the LS until
negative IL hit a threshold. If the input power is
insufficient to supply the combination of the
system load and battery charger, the DC-DC
converter will limit the total power requirement by
restricting the input voltage, input current and the
peak current through the MOSFET. The power
path management will reduce the charge current
to satisfy the external system load in priority.
According to this feature, the USB specification is
always satisfied first. Even if the charge current is
set larger than the USB input current limit, the
real charge current will be reduced as needed.
Input Limit State
If the input power is insufficient to supply the
combination of the system load and battery
charger,
the
MP2617A
and
MP2617B
implements three input limit control loops to
reduce the charge current and satisfy the
external system load in priority. The input in this
case might be limited as follows: input current
limit, input voltage limit and DC-DC peak current
limit.
Input Current Limit: When the input current is
higher than the programmed input current limit
the input current limit loop takes the control of the
converter and regulates the input current at
constant value. When the battery voltage is over
3.4V, the output voltage (VSYS) will drop down
according to the increase of the system current,
and the charge current drops down after the
BATT-to-SYS switch (4
0mΩ MOSFET) is fully on
according to VSYS dropping down. During this
process, the system voltage is slightly higher
than VBATT. When the battery voltage is lower
than 3.4V, to maintain the minimum system
voltage and ensure the system operation, the
input current limit control will pull down the
charge current directly to reduce the load of the
converter so that the system current is satisfied
in priority.
Input Voltage Limit: A resistor divider from IN pin
to VLIM pin to AGND is used for the input voltage
limit control. When the voltage on VLIM pin hits
the reference voltage of 1.52V, the output of the
input voltage limit error amplifier will drop in
to control the operation duty. In this mode, the
input voltage will be clamped according to the
value set by the resistor divider. The control to
the system voltage and charge current is the
same as the one explained in the input current
limit. Charge current drops down to satisfy the
system
current
request
first.
This
feature
provides a second protection to the input power
and ensures the safe operation of the input
adapter. Even if a wrong adapter is inserted, the
MP2617A and MP2617B can continue operation,
providing the maximum power to its load. User
can program the input voltage limit value through
the resistor divider from IN to VLIM to AGND.
Peak Current Limit: The peak current of the high
side switch of the DC-DC converter is sensed
during every cycle, it is compared to the
reference 4.8A. If the peak current hits the
threshold,
the
peak
current
limit
mode
is
triggered. The control of the charge current is the
same with the above two limits.
Input Current Limit Setting
The current at ILIM is a precise fraction of the
adapter input current. When a programming
resistor is connected from ILIM to AGND, the
voltage on ILIM represents the average input
current of the PWM converter. And the input
current approaches the programmed limit, ILIM
voltage reaches 1.14V.
The average input current limit can be set
through the resistor connecting from ILIM to
AGND according to the following expression:
IN_LIM
ILIM
40000
I
=1.14
(mA)
R
(k
Ω)
When USB input, the input current limit is set
internally and the programmed value is invalid.
The MP2617A and MP2617B provides typical of
450mA
input
current
limit
for
USB2.0
specification and a typical of 825mA for USB3.0
specification respectively.
The user can choose to set the input current limit
through the two logic pins M0 and M1 as shown
in Table 2 according to its input specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com