Electronic Components Datasheet Search
  English  ▼

X  

MP2617BGL Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 25Page - Monolithic Power Systems MP2617BGL Datasheet HTML 26Page - Monolithic Power Systems MP2617BGL Datasheet HTML 27Page - Monolithic Power Systems MP2617BGL Datasheet HTML 28Page - Monolithic Power Systems MP2617BGL Datasheet HTML 29Page - Monolithic Power Systems MP2617BGL Datasheet HTML 30Page - Monolithic Power Systems MP2617BGL Datasheet HTML 31Page - Monolithic Power Systems MP2617BGL Datasheet HTML 32Page - Monolithic Power Systems MP2617BGL Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
29
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
When SYSFB is programmed using external
resistors, the control loop function is changed.
A zero point is added around the cross over
frequency of the DC gain, and this may result in
the phase margin varied a lot, which may cause
the unstable operation. To avoid this condition,
a minimum capacitance requirement should be
satisfied to make the pole point to compensate
the zero point. This minimum capacitance is
20uF for a general application.
So, for the SYSFB programmed condition, the
CSYS should be selected as max (CSYS_MIN,
20uF), CSYS_MIN is calculated from the formula of
equation (13), as shown in Table 5. For better
stability
margin,
select
a
47uF
ceramic
capacitor with 6.3V and above voltage rating as
the output capacitor in this case.
Resistor Choose for NTC Sensor
According to formulas in “Battery Temperature
Monitor
”, the low and high temperature
threshold ratio of MP2625B is 65% and 33.5%,
so we can get the following:
T2
NTC_LOW
T1
T2
NTC_LOW
T2
NTC_HIGH
T1
T2
NTC_HIGH
R //R
=65%
(14)
R +R //R
R //R
=33.5%
(15)
R +R //R
The two resistors RT1 and RT2 allow the high
temperature limit and low temperature limit to
be
programmed
independently.
With
this
feature, MP2617A and MP2617B can fit most
type of NTC thermistors and different operation
temperature range requirement.
RT1 and RT2 can be calculated according to
different type of NTC thermistor, operation
temperature range and equation (14) and (15).
We also provide calculation tool for convenient
design.
For example, if the thermistor NCP18XH103 is
selected, and the application requires 0oC to
50oC operation temperature range. Check the
datasheet of NCP18XH103 to get the following
information:
At 0oC, the RNTC_LOW=27.219kΩ
At 50oC, the RNTC_HIGH=4.161kΩ
Using
the
calculation
tool
to
calculate
RT1=7.11kΩ and RT2= 25.61kΩ. Then select the
most closing 1% accuracy resistance for RT1
and RT2.
PCB Layout Guideline
It is important to pay special attention to the
PCB layout to meet specified noise, efficiency
and stability requirements. The following design
considerations can improve circuit performance:
1) Route the power stage adjacent to their
grounds.
Aim
to
minimize
the
high-side
switching node (SW, inductor), trace lengths in
the high-current paths and the current sense
resistor trace.
Keep the switching node short and away from
all small control signals, especially the feedback
network.
Place the input capacitor as close as possible
to the IN and PGND pins.
Place the output inductor close to the IC and
connect the output capacitor between the
inductor and PGND of the IC.
2) For high-current applications, the balls for the
power pads (IN, SW, SYS, BATT and PGND)
should be connected to as much copper in the
board as possible. This improves thermal
performance because the board conducts heat
away from the IC.
3) The PCB should have a ground plane
connected
directly
to
the
return
of
all
components
through
vias
(two
vias
per
capacitor for power-stage capacitors, one via
per capacitor for small-signal components). It is
also recommended to put vias inside the PGND
pads for the IC, if possible. A star ground
design approach is typically used to keep circuit
block currents isolated (high-power/low-power
small-signal) which reduces noise-coupling and
ground-bounce issues. A single ground plane
for this design gives good results. With this
small layout and a single ground plane, there is
no
ground-bounce
issue,
and
having
the
components segregated minimizes coupling
between signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com