Electronic Components Datasheet Search
  English  ▼

X  

MP2617BGL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 15Page - Monolithic Power Systems MP2617BGL Datasheet HTML 16Page - Monolithic Power Systems MP2617BGL Datasheet HTML 17Page - Monolithic Power Systems MP2617BGL Datasheet HTML 18Page - Monolithic Power Systems MP2617BGL Datasheet HTML 19Page - Monolithic Power Systems MP2617BGL Datasheet HTML 20Page - Monolithic Power Systems MP2617BGL Datasheet HTML 21Page - Monolithic Power Systems MP2617BGL Datasheet HTML 22Page - Monolithic Power Systems MP2617BGL Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
19
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
During the charge off state when the battery is
fully charged, if the input power is recycled, or
the EN signal is refreshed, the charge cycle will
re-start and the timer will refresh even if the
battery voltage is above the auto-recharge
threshold.
Charge Current Setting
The
charge
current
of
the
MP2617A
and
MP2617B is programmed using a single resistor
from ISET pin to ground. The program resistor
and charge current are calculated using the
following equations:
CHG
SET
1800
I
1.15
(mA)
R
(k )

At either constant current mode or constant
voltage mode, the voltage at the ISET pin is
proportional
to
the
actual
charge
current
delivered to the battery, IBATT. The charge current
can be calculated by monitoring the ISET pin
voltage with the following formula:
CHG
ISET
BATT
I
×
1.15
V
=
I
Additionally, the actual battery charge current
may be lower than the programmed current due
to limited input power available and prioritization
of the system load.
Battery charge full current threshold IBF is set
internally at 10% of the programmed charge
current. However, IBF has a 150mA maximum
limit which can not be exceeded.
Ideal Diode Mode
If the system current requirement increases over
the preset limit of the PWM converter, the
additional current will be drawn from the battery
via the BATT-to-SYS switch. To avoid very large
currents being drawn from the battery which
might affect the reliability of the device, the
MP2617A and MP2617B controls the charge
switch to work at the ideal diode mode regulating
VSYS to VBATT-65mV when VSYS is 40mV lower
than VBATT is detected. Only when VSYS is 40mV
higher than VBATT, the charger switch exits the
ideal diode mode, and the charge cycle softly
restarts.
VBATT+40mV
Enable Ideal Diode Mode
VSYS
Disable Ideal Diode Mode
VBATT-40mV
Figure 3
— Ideal Diode Mode Enable/Disable
Logic Control
The MP2617A and MP2617B have two separate
enable control pins.
EN
_____
is a logic control pin that controls the
operation of the whole IC. When EN
_____
is low, the
IC is enabled and the PWM converter output
powers the system and the charger. When EN
_____
is
high, both the PWM converter and the charger
are disabled. The BATT to SYS switch turns fully
on to connect the battery to power the system.
The ISET pin can be also used to control the
operation of the charger. Setting ISET pin floating
will disable the charger function while the output
of PWM converter will continue supply power to
system. On the other hand, a resistor from ISET
to AGND will enable the charging
at the
programmed charge current.
The logic control of the ISET pin of the MP2617A
and MP2617B can be realized as Figure 4. In this
way, the
user can choose logic low to be “off”
signal or logic high to be
”on” signal with a N-
MOSFET.
ISET
RISET
OFF ON
Figure 4
— ISET Logic Control
Input Power Status Indication (ACOK
__________
)
An internal under voltage lockout circuit monitors
the input voltage and keeps the IC in off state
until the input rises over the rising threshold
(3.8V). When the input voltage decreases below
threshold (3.5V), the IC will turn off, and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com