Electronic Components Datasheet Search
  English  ▼

X  

MP2617BGL Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 25Page - Monolithic Power Systems MP2617BGL Datasheet HTML 26Page - Monolithic Power Systems MP2617BGL Datasheet HTML 27Page - Monolithic Power Systems MP2617BGL Datasheet HTML 28Page - Monolithic Power Systems MP2617BGL Datasheet HTML 29Page - Monolithic Power Systems MP2617BGL Datasheet HTML 30Page - Monolithic Power Systems MP2617BGL Datasheet HTML 31Page - Monolithic Power Systems MP2617BGL Datasheet HTML 32Page - Monolithic Power Systems MP2617BGL Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
31
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
L
CHGOK
ACOK
NTC
EN
AGND
TMR
BATT
BST
SW
OFF
ON
C3
M1
9V Input
IN
M0
VCC
VILIM
SYS
ISET
RISET
CSYS
CBATT
SYS Load
C2
MP2617B
RILIM
SYSFB
ILIM
R1
R2
R3
R4
CIN
0
PGND
vBATT
ICHG
RT1
RT2
CTMR
C1
22uF
1uF
10k
21k
1uF
10k
10k
2k
2k
100nF
30.9k
1.05k
100nF
2.2uH
22uF
22uF
C4
4.7uF
R6
R7
26.5k
10k
R5 100k
Figure 10: Typical Charge Application Circuit for 9V Input and 1.5A Input Current Limit
Table 7: The Key BOM of Figure 10.
Qty
Ref
Value
Description
Package
Manufacture
1
CIN
22μF
Ceramic Capacitor;16V;
X5R or X7R
1206
Any
1
C1
1μF
Ceramic Capacitor;16V;
X5R or X7R
0603
Any
1
C2
1
μF
Ceramic Capacitor;
6.3V; X5R or X7R
0603
Any
1
C3
100nF
Ceramic Capacitor;25V;
X5R or X7R
0603
Any
1
C4
4.7
μF
Ceramic Capacitor;
10V; X5R or X7R
0603
Any
1
CTMR
100nF
Ceramic Capacitor;
6.3V;X5R or X7R
0603
Any
2
CSYS,CBATT
22
μF
Ceramic Capacitor;10V;
X5R or X7R
1206
Any
1
R6
26.5k
Film Resistor;1%
0603
Any
3
RT1,RT2,R7
10k
Film Resistor;1%
0603
Any
1
L1
2.2
μH
Inductor;2.2
μH;Low
DCR;ISAT>6A
SMD
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com