Electronic Components Datasheet Search
  English  ▼

X  

ATR0622 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR0622
Description  GPS Baseband Processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR0622 Datasheet HTML 3Page - ATMEL Corporation ATR0622 Datasheet HTML 4Page - ATMEL Corporation ATR0622 Datasheet HTML 5Page - ATMEL Corporation ATR0622 Datasheet HTML 6Page - ATMEL Corporation ATR0622 Datasheet HTML 7Page - ATMEL Corporation ATR0622 Datasheet HTML 8Page - ATMEL Corporation ATR0622 Datasheet HTML 9Page - ATMEL Corporation ATR0622 Datasheet HTML 10Page - ATMEL Corporation ATR0622 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
4891CS–GPS–01/06
ATR0622 [Preliminary]
3.2
Signal Description
Table 3-2.
ATR0622 Signal Description
Module
Name
Function
Type
Active Level Comment
EBI
BOOT_MODE
Boot Mode Input
Input
–
PIO-controlled after reset,
internal pull-down resistor
USART
TXD1 to TXD2
Transmit Data Output
Output
–
PIO-controlled after reset
RXD1 to RXD2
Receive Data Input
Input
–
PIO-controlled after reset
SCK1 to SCK2
External Synchronous Serial Clock
I/O
–
PIO-controlled after reset
USB
USB_DP
USB Data (D+)
I/O
–
USB_DM
USB Data (D-)
I/O
–
APMC
RF_ON
Output
–
Interface to ATR0601
AIC
EXTINT0-1
External Interrupt Request
Input
High/
Low/
Edge
PIO-controlled after reset
AGC
AGCOUT0-1
Automatic Gain Control
Output
–
Interface to ATR0601
PIO-controlled after reset
RTC
NSLEEP
Sleep Output
Output
Low
Interface to ATR0601
NSHDN
Shutdown Output
Output
Low
Connect to pin LDO_EN
XT_IN
Oscillator Input
Input
–
RTC oscillator
XT_OUT
Oscillator Output
Output
–
RTC oscillator
SPI
SCK
SPI Clock
I/O
–
PIO-controlled after reset
MOSI
Master Out Slave In
I/O
–
PIO-controlled after reset
MISO
Master In Slave Out
I/O
–
PIO-controlled after reset
NSS/NPCS0
Slave Select
I/O
Low
PIO-controlled after reset
NPCS1 to NPCS3
Slave Select
Output
Low
PIO-controlled after reset
WD
NWD_OVF
Watchdog Timer Overflow
Output
–
PIO-controlled after reset
PIO
P0 to P31
Programmable I/O Port
I/O
–
Input after reset
GPS
SIGHI0
Digital IF
Input
–
Interface to ATR0601
SIGLO0
Digital IF
Input
–
Interface to ATR0601
SIGHI1
Digital IF
Input
–
PIO-controlled after reset
SIGLO1
Digital IF
Input
–
PIO-controlled after reset
TIMEPULSE
GPS synchronized time pulse
Output
–
PIO-controlled after reset
CONFIG
GPSMODE0-12
GPS Mode
Input
–
PIO-controlled after reset
STATUSLED
Status LED
Output
–
PIO-controlled after reset
NEEPROM
Enable EEPROM Support
Input
Low
PIO-controlled after reset
ANTON
Active antenna power on Output
Output
–
PIO-controlled after reset
NANTSHORT
Active antenna short circuit
detection Input
Input
Low
PIO-controlled after reset
NAADET0-1
Active antenna detection Input
Input
Low
PIO-controlled after reset
Note:
1. The USB transceiver is disabled if VDD_USB < 2.0V. In this case the pins USB_DM and USB_DP are connected to GND
(internal pull-down resistors). The USB transceiver is enabled if VDD_USB is within 3.0V and 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com