Electronic Components Datasheet Search
  English  ▼

X  

ATR0622 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATR0622
Description  GPS Baseband Processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATR0622 Datasheet HTML 5Page - ATMEL Corporation ATR0622 Datasheet HTML 6Page - ATMEL Corporation ATR0622 Datasheet HTML 7Page - ATMEL Corporation ATR0622 Datasheet HTML 8Page - ATMEL Corporation ATR0622 Datasheet HTML 9Page - ATMEL Corporation ATR0622 Datasheet HTML 10Page - ATMEL Corporation ATR0622 Datasheet HTML 11Page - ATMEL Corporation ATR0622 Datasheet HTML 12Page - ATMEL Corporation ATR0622 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
4891CS–GPS–01/06
ATR0622 [Preliminary]
3.3
Setting GPSMODE0 to GPSMODE12
The start-up configuration of a ROM-based system without external non-volatile memory is
defined by the status of the GPSMODE pins after system reset. Alternatively, the system can
be configured through message commands passed through the serial interface after start-up.
This configuration of the ATR0622 can be stored in an external non-volatile memory like
EEPROM. Default designates settings used by ROM firmware if GPSMODE configuration is
disabled (GPSMODE0 = 0).
3.3.1
Enable GPSMODE Pin Configuration
If the GPSMODE configuration is enabled (GPSMODE0 = 1) and the other GPSMODE pins
are not connected externally, the reset default values of the internal pull-down and pull-up
resistors will be used.
Table 3-3.
GPSMODE Functions
Pin
Function
GPSMODE0 (P1)
Enable configuration with GPSMODE pins
GPSMODE1 (P9)
This pin (EXTINT0) is used for FixNow functionality and not used for GPSMODE
configuration.
GPSMODE2 (P12)
GPS sensitivity settings
GPSMODE3 (P13)
GPSMODE4 (P14)
This pin (NAADET1) is used as active antenna supervisor input and not used for
GPSMODE configuration. This is the default selection if GPSMODE configuration
is disabled.
GPSMODE5 (P17)
Serial I/O configuration
GPSMODE6 (P19)
GPSMODE7 (P23)
USB Power Mode
GPSMODE8 (P24)
General I/O Configuration
GPSMODE9 (P25)
This pin (NAADET0) is used as active antenna supervisor input and not used for
GPSMODE configuration.
GPSMODE10 (P26)
General I/O Configuration
GPSMODE11 (P27)
GPSMODE12 (P29) Serial I/O configuration
Table 3-4.
Enable Configuration with GPSMODE Pins
GPSMODE0
(Reset = PD) Description
0
Ignore all GPSMODE pins. The default settings as indicated below are used.
1
Use settings as specified with GPSMODE[2, 3, 5 to 8, 10 to 12]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com