Electronic Components Datasheet Search
  English  ▼

X  

ATR0622 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATR0622
Description  GPS Baseband Processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATR0622 Datasheet HTML 18Page - ATMEL Corporation ATR0622 Datasheet HTML 19Page - ATMEL Corporation ATR0622 Datasheet HTML 20Page - ATMEL Corporation ATR0622 Datasheet HTML 21Page - ATMEL Corporation ATR0622 Datasheet HTML 22Page - ATMEL Corporation ATR0622 Datasheet HTML 23Page - ATMEL Corporation ATR0622 Datasheet HTML 24Page - ATMEL Corporation ATR0622 Datasheet HTML 25Page - ATMEL Corporation ATR0622 Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
4891CS–GPS–01/06
ATR0622 [Preliminary]
1.23
Input-leakage Current
(standard Inputs and I/Os)
VDD18 = 1.95V
VIL = 0V
I
LEAK
–1
+1
µA
1.24 Input Capacitance
I
CAP
10
pF
1.25 Input Pull-up Resistor
NRESET
R
PU
0.7
1.6
k
Ω
1.26 Input Pull-up Resistor
TCK, TDI,
TMS
RPU
10
30
k
Ω
1.27 Input Pull-up Resistor
P9, P13, P22,
P31
R
PU
100
220
k
Ω
1.28 Input Pull-down Resistor
DBG_EN,
NTRST,
R
PD
10
30
k
Ω
1.29 Input Pull-down Resistor
RF_ON, P0,
P15, P30
RPD
100
220
k
Ω
1.30
Configurable Input Pull-up
Resistor
P1, P2, P8,
P12, P14,
P[16-21],
P[23-27], P29
R
CPU
62
330
k
Ω
1.31
Configurable Input Pull-down
Resistor
P1, P2, P8,
P12, P14,
P[16-21],
P[23-27], P29
R
CPD
45
160
k
Ω
1.32
Configurable Input Pull-up
Resistor (Idle state)
USB_DP
R
CPU
0.9
1.575
k
Ω
1.33
Configurable Input Pull-up
Resistor (Operation state)
USB_DP
RCPU
1.425
3.09
k
Ω
1.34 Input Pull-down Resistor
USB_DP
USB_DM
RPD
10
500
k
Ω
7.
Electrical Characteristics (Continued)
If no additional information is given in column Test Conditions, the values apply to a temperature range from –40°C to +85°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
2. Values defined for operating the USB interface. Otherwise VDD_USB may be connected to ground
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com