Electronic Components Datasheet Search
  English  ▼

X  

ATR0622 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATR0622
Description  GPS Baseband Processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATR0622 Datasheet HTML 18Page - ATMEL Corporation ATR0622 Datasheet HTML 19Page - ATMEL Corporation ATR0622 Datasheet HTML 20Page - ATMEL Corporation ATR0622 Datasheet HTML 21Page - ATMEL Corporation ATR0622 Datasheet HTML 22Page - ATMEL Corporation ATR0622 Datasheet HTML 23Page - ATMEL Corporation ATR0622 Datasheet HTML 24Page - ATMEL Corporation ATR0622 Datasheet HTML 25Page - ATMEL Corporation ATR0622 Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
4891CS–GPS–01/06
ATR0622 [Preliminary]
9.
ESD Sensitivity
The ATR0622 is an ESD sensitive device. The current ESD values are to be defined.
Observe precautions for handling
10. LDO18
The LDO18 is a built in low dropout voltage regulator which can be used if the host system
does not provide the core voltage VDD18.
8.
Power Consumption
Mode
Conditions
Typ.
Unit
Sleep
At 1.8V, no CLK23
0.065(1)
mA
Shutdown
RTC, backup SRAM and LDOBAT
0.007(1)
Normal
Satellite acquisition
25
Normal tracking on 6 channels with 1 fix/s; each additional active tracking channel adds 0.5 mA
14
All channels disabled
11
Note:
1. Specified value only
Table 10-1.
Electrical Characteristics of LDO18
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply voltage LDO_IN
2.3
3.6
V
Output Voltage
(LDO_OUT)
1.65
1.8
1.95
V
Output Current
(LDO_OUT)
80
mA
Current consumption
After startup, no load, at room
temperature
80
µA
Current consumption
Standby Mode (LDO_EN = 0), at room
temperature
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com