Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard (10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments LM50 Datasheet HTML 18Page - Texas Instruments LM50 Datasheet HTML 19Page - Texas Instruments LM50 Datasheet HTML 20Page - Texas Instruments LM50 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
output impedance (shown in Functional Block Diagram). The temperature coefficient of the output resistors
is approximately 1300ppm/°C. Taking into account this temperature coefficient and the initial tolerance of the
resistors, the output impedance of the device does not exceed 4kΩ. In an extremely noisy environment adding
filtering can be necessary to minimize noise pickup. TI recommends adding a 0.1µF capacitor between +VS and
GND to bypass the power supply noise voltage. Adding a capacitor (CLoad) from VO to ground can be necessary.
A 1µF output capacitor with the 4kΩ output impedance forms a 40Hz low-pass filter. Because the thermal time
constant of the LM50-Q1 and LM50HV-Q1 is much slower than the 25ms time constant formed by the RC, the
overall response time of the device is not significantly affected. For much larger capacitors, this additional time
lag increases the overall response time of the LM50-Q1 and LM50HV-Q1.
TI device
OUT
Heavy Capacitive Load, Wiring, and more.
To A High-
Impedance Load
Figure 8-2. LM50-Q1 and LM50HV-Q1 No Decoupling Required for Capacitive Load
TI device
VO
Heavy Capacitive Load, Wiring, Etc.
CLoad = 1µF
CBy-pass = 0.1µF
Figure 8-3. LM50-Q1 and LM50HV-Q1 With Filter for Noisy Environment
To avoid glitch of start-up power supply (input) response especially when CBy-pass is not used (as shown in
Figure 6-20, Figure 8-4 and Figure 8-5) on LM50-Q1 (new chip) and LM50HV-Q1 devices, a minimum CLoad
must be placed between VO and ground especially when LM50-Q1 (new chip) and LM50HV-Q1 devices are
utilized in the comparator circuits.
Time (
s)
-20
20
60
100
140
180
220
-1
-1
0
0
1
1
2
2
3
3
4
4
5
5
6
6
VO →
VO →
VO →
 +VS
+VS = 3.3V
VO (at -40C)
VO (at 25C)
VO (at 150C)
Figure 8-4. Start-up response to +VS = 3.3V Step
(When tr = 1μs, No CLoad and CBy-pass)
Time (
s)
-20
20
60
100
140
180
220
-10
-1
0
0
10
1
20
2
30
3
40
4
50
5
60
6
VO →
VO →
VO →
 +VS
+VS = 36V
VO (at -40C)
VO (at 25C)
VO (at 150C)
Figure 8-5. Start-up Response to +VS = 36V Step
(When tr = 1μs, No CLoad and CBy-pass)
www.ti.com
LM50-Q1, LM50HV-Q1
SNIS249A – MAY 2025 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM50-Q1 LM50HV-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com