Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard (10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 5 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range unless otherwise noted(1)
MIN
MAX
UNIT
Supply voltage, +VS
LM50-Q1
-0.2
12
V
LM50HV-Q1
-0.2
39.6
Output voltage, VO
LM50-Q1
-1 +VS + 0.6(2)
V
LM50HV-Q1
-0.3 +VS + 0.3(2)
Output current, IOUT
10
mA
Maximum junction temperature, TJ
150
°C
Storage temperature, Tstg
LM50-Q1
-65
150
°C
LM50HV-Q1
-65
175
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Maximum voltage must not exceed 12V for LM50-Q1 and 39.6V for LM50HV-Q1.
6.2 ESD Ratings
VALUE
UNIT
V(ESD),
Electrostatic
discharge
LM50-Q1
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
LM50HV-Q1
±2500
LM50-Q1
Charged-device model (CDM), per AEC Q100-011
±750
V
LM50HV-Q1
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
+VS
Supply voltage
LM50-Q1
4.5
10
V
LM50HV-Q1
3
36
TMIN,TMAX
Specified temperature
LM50-Q1
-40
125
°C
LM50HV-Q1
-40
150
6.4 Thermal Information
THERMAL METRIC(1)
LM50-Q1
LM50HV-Q1
UNIT
DBZ (SOT-23) Legacy chip
DBZ (SOT-23) New chip
DBZ (SOT-23)
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
291.9
240.6
240.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
114.3
144.5
144.5
°C/W
RθJB
Junction-to-board thermal resistance
62.3
72.3
72.3
°C/W
ψJT
Junction-to-top characterization parameter
7.4
28.7
28.7
°C/W
ψJB
Junction-to-board characterization parameter
61
71.7
71.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
LM50-Q1, LM50HV-Q1
SNIS249A – MAY 2025 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM50-Q1 LM50HV-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com