Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard (10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 1 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard
(10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23
Package
1 Features
• AEC-Q100 Qualified for automotive applications
– LM50-Q1 (Grade-1): –40°C to +125°C
– LM50HV-Q1 (Grade-0): –40°C to +150°C
• Functional safety-capable
– Documentation available to aid system design
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
• LM50HV-Q1 (Next-generation):
– Wide supply range: 3V to 36V
– ±2°C (Max) accuracy over 20°C to 70°C
– ±2.5°C (Max) accuracy over 0°C to 100°C
– ±3°C (Max) accuracy over −20°C to 125°C
– ±3.5°C (Max) accuracy over −40°C to 150°C
– Quiescent Current (Typ): 52μA
• LM50-Q1:
– Operating supply range: 4.5V to 10V
– ±3°C (Max) accuracy at 25°C
– ±4°C (Max) accuracy over −40°C to 125°C
– Quiescent Current (Typ): 95μA
• Available in Standard SOT23-3 package
• DC Output Impedance: 2kΩ/4kΩ (Typ/Max)
– Enables driving large capacitive loads
• UL Recognized Component (LM50-Q1)
2 Applications
• HEV/EV OBC & DC/DC converter
• Electronic power steering (EPS)
• Braking systems
• In-cabin sensing
• HVAC System
• Power Supply Modules
3 Description
The LM50-Q1 (Grade-1) and LM50HV-Q1 (Grade-0)
devices are AEC-Q100 automotive-grade analog
temperature sensor that can measure temperature
up to 125°C and 150°C, respectively, using a
single positive supply. Unlike NTC thermistors, LM50-
Q1 and LM50HV-Q1 do not require any external
calibration, trimming or software linearization leading
to simplifying the circuitry requirements. The output
voltage of the devices are linearly proportional to
temperature (10mV/°C) and has a DC offset of
500mV at 0°C. The offset allows reading negative
temperatures without the need for a negative supply.
The output voltage of these devices ranges from
100mV (at -40°C) to 1.75V (at 125°C) and 2V (at
150°C only for LM50HV-Q1), simplifying automotive
ADC interfacing (including ADC integrated in MCU).
LM50HV-Q1 is designed for LDO-less application due
to stable functionality across wide supply range of
3V to 36V. Trimming and calibration of LM50-Q1 and
LM50HV-Q1 at the wafer level provide low cost and
consistent accuracy: LM50-Q1 (±4°C across –40°C
to 125°C) and LM50HV-Q1 (±3°C across –20°C to
125°C, ±3.5°C across –40°C to 150°C). Functional
safety documentation is also available.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LM50-Q1 and
LM50HV-Q1
DBZ (SOT-23, 3)
2.37mm × 2.92mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND
VO
+VS
Thermal Diodes
2k
+
–
MSPM0
MCU
ADC
CLoad
GND
VCC
VCC
CBypass
LM50-Q1
LM50HV-Q1
Figure 3-1. Simplified Schematic
DUT Te mperature (C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
1.75V
0.75V
0.1V
Figure 3-2. Full-Range LM50-Q1 (–40°C to 125°C)
and LM50HV-Q1 (–40°C to 150°C)
LM50-Q1, LM50HV-Q1
SNIS249A – MAY 2025 – REVISED FEBRUARY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50 TI1-LM50 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
More results

Similar Description - LM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2830 TI-LM2830 Datasheet
1Mb / 33P
LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
logo
Texas Instruments
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
LM60 TI-LM60_15 Datasheet
1Mb / 24P
LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com