Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard (10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 4 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Table 4-2. LM50-Q1 and LM50HV-Q1 Devices Orderable Options
DEVICE NAME
PART NUMBER
ACCURACY OVER
TEMPERATURE
SPECIFIED
TEMPERATURE RANGE
SUPPLY RANGE
PACKAGE
LM50-Q1
LM50QIM3X/NOPB
±4°C
–40°C ≤ TA ≤ +125°C
(Both legacy & new chip)
4.5V to 10V
SOT-23
(DBZ)
3-pin
LM50HV-Q1
LM50HVQDBZRQ1
±2°C
20°C ≤ TA ≤ +70°C
3V to 36V
±2.5°C
0°C ≤ TA ≤ +100°C
±3°C
–20°C ≤ TA ≤ +125°C
±3.5°C
–40°C ≤ TA ≤ +125°C
LM50HVEDBZRQ1
±2°C
20°C ≤ TA ≤ +70°C
±2.5°C
0°C ≤ TA ≤ +100°C
±3°C
–20°C ≤ TA ≤ +125°C
±3.5°C
–40°C ≤ TA ≤ +150°C
Table 4-3. LM50-Q1 and LM50HV-Q1 Devices Nomenclature Detail
PRODUCT
DESCRIPTION
LM50xIyyy
x indicates that the device has Q (grade-1 device in accordance with the AEC-Q100 standard) variant. This
device can ship with the legacy chip (CSO: GF6 or SHE) or the new chip (CSO: RFB) with different chip source
origin (CSO). The reel packaging label provides date code information to distinguish which chip is being used.
Device performance for new and legacy chips is denoted throughout the document.
yyy indicates the package type of the device which is M3X/NOPB in DBZ (SOT-23 3-pin).
LM50HVx yyyRQ1
x indicates that the device has Q (grade-1) or E (grade-0) variant in accordance with the AEC-Q100 standard.
LM50HV-Q1 has only CSO: RFB.
yyy indicates that the package type of the device is DBZ (SOT-23 3-pin).
5 Pin Configuration and Functions
1
+V
S
V
O
GND
2
3
Figure 5-1. DBZ Package 3-Pin SOT-23 Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
+VS
Power
Positive power supply pin.
2
VO
Output
Temperature sensor analog output.
3
GND
Ground
Device ground pin, connected to power supply negative terminal.
LM50-Q1, LM50HV-Q1
SNIS249A – MAY 2025 – REVISED FEBRUARY 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LM50-Q1 LM50HV-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com