Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AY1
Description  Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY1 Datasheet(HTML) 4 Page - Vishay Siliconix

  AY1 Datasheet HTML 1Page - Vishay Siliconix AY1 Datasheet HTML 2Page - Vishay Siliconix AY1 Datasheet HTML 3Page - Vishay Siliconix AY1 Datasheet HTML 4Page - Vishay Siliconix AY1 Datasheet HTML 5Page - Vishay Siliconix AY1 Datasheet HTML 6Page - Vishay Siliconix AY1 Datasheet HTML 7Page - Vishay Siliconix AY1 Datasheet HTML 8Page - Vishay Siliconix AY1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 28-Jan-2022
4
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL AND TAPE DATA in millimeters
Reel with capacitors on tape
Ammopack with capacitors on tape
51 max.
355.6 ± 2.0
45 max.
28 ± 1.5
8.0
330
360
55
APPROVALS
IEC 60384-14 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate
Y1-capacitor: CB test certificate:
US-26163-UL
470 pF to 4.7 nF
500 VAC
X1-capacitor: CB test certificate:
US-26163-UL
470 pF to 4.7 nF
760 VAC
VDE
Y1-capacitor: VDE marks approval:
40012673
470 pF to 4.7 nF
500 VAC
X1-capacitor: VDE marks approval:
40012673
470 pF to 4.7 nF
760 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Underwriters Laboratories Inc./Canadian Standards Association
Y1-capacitor: UL-test certificate:
E183844
470 pF to 4.7 nF
500 VAC
X1-capacitor: UL-test certificate:
E183844
470 pF to 4.7 nF
760 VAC
UL 60384-14, CSA E60384-1:03 2nd edition, CSA E60384-14:09 2nd edition
Across-the-line, antenna-coupling and line-by-pass component
CQC
Y1-capacitor: CQC test certificate:
CQC05001015032
470 pF to 4.7 nF
500 VAC
X1-capacitor: CQC test certificate:
CQC05001015032
470 pF to 4.7 nF
760 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com