Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AY1
Description  Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY1 Datasheet(HTML) 3 Page - Vishay Siliconix

  AY1 Datasheet HTML 1Page - Vishay Siliconix AY1 Datasheet HTML 2Page - Vishay Siliconix AY1 Datasheet HTML 3Page - Vishay Siliconix AY1 Datasheet HTML 4Page - Vishay Siliconix AY1 Datasheet HTML 5Page - Vishay Siliconix AY1 Datasheet HTML 6Page - Vishay Siliconix AY1 Datasheet HTML 7Page - Vishay Siliconix AY1 Datasheet HTML 8Page - Vishay Siliconix AY1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 28-Jan-2022
3
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STRAIGHT LEADS
The hole pitch 12.7 mm for lead spacing 10.0 mm (0.4") or 12.5 mm (0.49")
Notes
(1) See “Technical Data” table
(2) Cumulative pitch error: ± 1 mm/20 pitches
(3) Obliquity maximum 3°
DIMENSION OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
10 mm OR 12.5 mm
D (1)
Body diameter
16.5 max.
d
Lead diameter
0.6 ± 0.05
P
Pitch of component
25.4 ± 1
P0 (2)
Pitch of sprocket hole
12.7 ± 0.3
P1 (3)
Distance, hole center to lead
7.7 or 6.5 ± 1.0
P2 (3)
Distance, hole to center of component
12.7 ± 1.5
F
Lead spacing
10.0 or 12.5 (+ 0.6/- 0.4)
Δh
Average deviation across tape
± 1.0 max.
ΔP
Average deviation in direction of reeling
± 1.0 max.
W
Carrier tape width
18.0 + 1/- 0.5
W0
Hold-down tape width
5.0 min.
W1
Position of sprocket hole
9.0 + 0.75/- 0.5
W2
Distance of hold-down tape
3.0 max.
H1
Maximum component height
40
H0
Height to seating plane
20.0 ± 0.5 (16.0 ± 0.5 for kinked)
L
Length of cut leads
11.0 max.
L1
Length of lead protrusion
1.0 max.
D0
Diameter of sprocket hole
4.0 ± 0.2
t
Total tape thickness
0.9 max.
t1
Maximum thickness of tape and wires
1.5 max.
D
max.
T
max.
F
d = 0.6 mm
coating
extension
e
30 mm to 3.0 mm
(
'R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com