Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AY1
Description  Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY1 Datasheet(HTML) 1 Page - Vishay Siliconix

  AY1 Datasheet HTML 1Page - Vishay Siliconix AY1 Datasheet HTML 2Page - Vishay Siliconix AY1 Datasheet HTML 3Page - Vishay Siliconix AY1 Datasheet HTML 4Page - Vishay Siliconix AY1 Datasheet HTML 5Page - Vishay Siliconix AY1 Datasheet HTML 6Page - Vishay Siliconix AY1 Datasheet HTML 7Page - Vishay Siliconix AY1 Datasheet HTML 8Page - Vishay Siliconix AY1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 28-Jan-2022
1
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Grade EMI Suppression Safety Capacitor,
Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
LINKS TO ADDITIONAL RESOURCES
OPERATING TEMPERATURE RANGE
-55 °C to +125 °C
TEMPERATURE CHARACTERISTICS
Class 2: Y5U
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60058-1)
Class 2: 40 / 125 / 21
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
IEC 60384-14
UL 60384-14
DIN EN 60384-14
CSA E60384-1:03, CSA E60384-14:09
CQC (IEC 60384-14)
PACKAGING
Bulk, tape and reel, taped ammopack
FEATURES
• AEC-Q200 qualified
• Withstands 85 / 85 / 1000 h test
• Can pass 1000 temperature cycles
(from -55 °C to +125 °C)
• Can pass 10 kV pulses (10 per polarity)
• Complying with IEC 60384-14
• High reliability
• Singlelayer AC disc safety capacitors
• PPAP (AIAG version) is available
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• X1, Y1 according to IEC 60384-14
• Application as Y capacitors for EMI suppression and
primary-secondary coupling on battery chargers for
PHEV/EV
• Application as filter capacitors on DC/DC converters for
PHEV/EV and HEV
• EMI / RFI suppression and filtering
DESIGN
The capacitor consists of a ceramic disc which is copper
plated on both sides. Connection leads are made of tin
plated copper-clad steel having a diameter of 0.6 mm or
0.8 mm.
The capacitors may be supplied with straight and vertical
kink leads having a lead spacing of 10.0 mm and 12.5 mm.
Encapsulation is made of flame retardant epoxy resin in
accordance with UL 94 V-0.
CAPACITANCE RANGE
470 pF to 4700 pF
RATED VOLTAGE UR
IEC 60384-14:
(X1): 760 VAC, 50 Hz
(Y1): 500 VAC, 50 Hz
1500 VDC
TEST VOLTAGE
Component test (100 %):
4000 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
4000 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test):
4000 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
≥ 10 000 MΩ
CAPACITANCE TOLERANCE
± 20 % (code M)
DISSIPATION FACTOR
Class 2: max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
Ceramic Dielectric
Y5U
Voltage (VAC)
500
760
Min. Capacitance (pF)
470
Max. Capacitance (pF)
4700
Mounting
Radial
333
DDD3 D
3D Models
Models
Capabilities and
Custom Options
Infographics
Application
Notes
Related
Documents


Similar Part No. - AY1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AY1 MSYSTEM-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors
logo
Vishay Siliconix
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
logo
List of Unclassifed Man...
AY102 ETC2-AY102 Datasheet
83Kb / 2P
Physics of the Interstellar Medium
logo
STANLEY ELECTRIC CO.,LT...
AY1101F STANLEY-AY1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
AY1101F STANLEY-AY1101F Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
More results

Similar Description - AY1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKP VISHAY-WKP Datasheet
85Kb / 4P
Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
08-Feb-10
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
19-Apr-2021
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com