Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AY1
Description  Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY1 Datasheet(HTML) 2 Page - Vishay Siliconix

  AY1 Datasheet HTML 1Page - Vishay Siliconix AY1 Datasheet HTML 2Page - Vishay Siliconix AY1 Datasheet HTML 3Page - Vishay Siliconix AY1 Datasheet HTML 4Page - Vishay Siliconix AY1 Datasheet HTML 5Page - Vishay Siliconix AY1 Datasheet HTML 6Page - Vishay Siliconix AY1 Datasheet HTML 7Page - Vishay Siliconix AY1 Datasheet HTML 8Page - Vishay Siliconix AY1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 28-Jan-2022
2
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEADSPACING 10.0 mm AND 12.5 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel in ammopack
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE
C (pF)
CAPACITANCE
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Tmax. (mm)
LEAD SPACING
F (mm) ± 1 mm
PART NUMBER
MISSING DIGITS SEE
ORDERING CODE BELOW
Y5U
470
± 20
8.0
7.0
10 or 12.5
AY1471M31Y5UC6###
680
9.0
10 or 12.5
AY1681M35Y5UC6###
1000
9.5
10 or 12.5
AY1102M37Y5UC6###
1500
10.5
10 or 12.5
AY1152M41Y5UC6###
2200
12.0
10 or 12.5
AY1222M47Y5UC6###
2700
13.5
10 or 12.5
AY1272M53Y5UC6###
3300
14.5
10 or 12.5
AY1332M57Y5UC6###
3900
15.5
10 or 12.5
AY1392M61Y5UC6###
4700
16.5
10 or 12.5
AY1472M65Y5UC6###
ORDERING CODE
###
15th to 17th digit
Lead configuration
Available configurations see below
Example
AY1
222
M
47
Y5U
C
6
UL
0
Series
Capacitance
value
Tolerance
code
Size code
Temperature
coefficient
Compact
design
Lead wire
diameter
Packaging /
lead length
Lead
style
Lead
spacing
6 = 0.6
8 = 0.8
3 = bulk
T = tape
and reel
U =
ammopack
L =
straight
V = inline
kink
0 = 10.0
X = 12.5
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
Dmax.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
470 pF to 2200 pF
31 to 47
12.0
1000
500
500
2700 pF to 4700 pF
53 to 65
16.5
500
500
500
Capacitors with 10.0 mm or 12.5 mm lead spacing
e = 3.0 max.
L = 30.0 ± 5.0
T
max.
D
max.
F
Ø 0.6 ± 0.05
e = 3.0 max.
SH = 4.0 max.
L = 30.0 ± 5.0
T
max.
D
max.
F
Ø 0.6 ± 0.05
SH = 4.0 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com