Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1756970000
Description  S2L 3.50/08/180F 3.5AU OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 2 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller 1756970000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
S2L 3.50/08/180F 3.5AU OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (UR)
E60693
 
Dimensions and weights
 
Depth
10.5 mm
Depth (inches)
0.4134 inch
Height
17.7 mm
Height (inches)
0.6968 inch
Height of lowest version
14.2 mm
Width
21 mm
Width (inches)
0.8268 inch
Net weight
2.99 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
System specifications
 
Product family
OMNIMATE Signal - series B2L/S2L 3.50 - 2-row
Type of connection
Board connection
Mounting onto the PCB
THT solder connection
Pitch in mm (P)
3.50 mm
Pitch in inches (P)
0.138 "
Outgoing elbow
180°
Number of poles
8
Number of solder pins per pole
1
Solder pin length (l)
3.5 mm
Solder pin dimensions
d = 1.0 mm, Octagonal
Solder eyelet hole diameter (D)
1.3 mm
Solder eyelet hole diameter tolerance (D)+ 0,1 mm
L1 in mm
10.50 mm
L1 in inches
0.413 "
Number of rows
1
Pin series quantity
2
Touch-safe protection acc. to DIN VDE
57 106
finger-safe unplugged/ back-of-hand-safe plugged
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged/ IP10 unplugged
Can be coded
Yes
Plugging force/pole, max.
5 N
Pulling force/pole, max.
4 N
Tightening torque
Torque type
Mounting screw, PCB
Usage information
Tightening torque
min.
0.1 Nm
max.
0.15 Nm
Recommended screw Part
number
PTSC KA
2.2X4.5
WN1412
 
 
Creation date 24.02.2026 08:33:03 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com