Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1756970000
Description  S2L 3.50/08/180F 3.5AU OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 4 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller 1756970000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
S2L 3.50/08/180F 3.5AU OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
• Rated data refer only to the component itself. Clearance and creepage distances to other
components are to be designed in accordance with the relevant application standards.
• For additional mechanical support for male connectors with screw flange (…F), we recommend
an additional cable gland with fastening screws (sheet metal screw ISO 1481-ST 2.2x4.5 C or
ISO 7049-ST 2.2x4.5 C – see Accessories). Cable gland only permitted before soldering.
• In accordance with IEC 61984, OMNIMATE-connectors are connectors without breaking
capacity (COC). During designated use, connectors are not allowed to be engaged or
disengaged when live or under load
• Long term storage of the product with average temperature of 50 °C and maximum humidity
70%, 36 months
 
Classifications
 
ETIM 8.0
EC002637
ETIM 9.0
EC002637
ETIM 10.0
EC002637
ECLASS 14.0
27-46-02-01
ECLASS 15.0
27-46-02-01
 
 
Creation date 24.02.2026 08:33:03 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com