Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1756970000
Description  S2L 3.50/08/180F 3.5AU OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 1 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller 1756970000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data sheet
S2L 3.50/08/180F 3.5AU OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Straight, double-row pin header available in closed-sided
or flange version (open-sided pin headers on request). The
male headers with a pin length of 3.5mm are designed
for wave soldering and are packed in a box. They can be
screwed on to the PCB. The male headers provide space
for labelling and can be coded.
General ordering data
 
Version
PCB plug-in connector, male header, Flange, THT
solder connection, 3.50 mm, Number of poles: 8,
180°, Solder pin length (l): 3.5 mm, Gold-plated,
orange, Box
Order No.
1756970000
Type
S2L 3.50/08/180F 3.5AU OR BX
GTIN (EAN)
4032248042760
Qty.
84 items
Product data
IEC: 250 V / 10 A
UL: 150 V / 10 A
Packaging
Box
 
 
Creation date 24.02.2026 08:33:03 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1756970000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1756970000 WEIDMULLER-1756970000 Datasheet
93Kb / 4P
PCB connection systems
1756970000 WEIDMULLER-1756970000 Datasheet
93Kb / 4P
PCB connection systems
1756970000 WEIDMULLER-1756970000 Datasheet
93Kb / 4P
S2L 3.5/22/180F3.5AU SW
More results

Similar Description - 1756970000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1012640000 WEIDMULLER-1012640000 Datasheet
74Kb / 4P
BLF 5.08/02/180F SN BK BX
1012650000 WEIDMULLER-1012650000 Datasheet
74Kb / 4P
BLF 5.08/03/180F SN BK BX
1012660000 WEIDMULLER-1012660000 Datasheet
74Kb / 4P
BLF 5.08/04/180F SN BK BX
1012680000 WEIDMULLER-1012680000 Datasheet
74Kb / 4P
BLF 5.08/06/180F SN BK BX
1012710000 WEIDMULLER-1012710000 Datasheet
74Kb / 4P
BLF 5.08/08/180F SN BK BX
1012730000 WEIDMULLER-1012730000 Datasheet
74Kb / 4P
BLF 5.08/10/180F SN BK BX
1012750000 WEIDMULLER-1012750000 Datasheet
74Kb / 4P
BLF 5.08/12/180F SN BK BX
1012970000 WEIDMULLER-1012970000 Datasheet
74Kb / 4P
BLF 5.08/16/180F SN BK BX
2720480000 WEIDMULLER-2720480000 Datasheet
975Kb / 6P
BVDF 7.62HP/08/180SN BK BX
2720540000 WEIDMULLER-2720540000 Datasheet
1,011Kb / 6P
BVDF 7.62HP/08/180SF SN BK BX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com