Electronic Components Datasheet Search
  English  ▼

X  

1756970000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1756970000
Description  S2L 3.50/08/180F 3.5AU OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1756970000 Datasheet(HTML) 3 Page - Weidmuller

  1756970000 Datasheet HTML 1Page - Weidmuller 1756970000 Datasheet HTML 2Page - Weidmuller 1756970000 Datasheet HTML 3Page - Weidmuller 1756970000 Datasheet HTML 4Page - Weidmuller 1756970000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data sheet
S2L 3.50/08/180F 3.5AU OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Material data
 
Insulating material
PBT
Colour
orange
Colour chart (similar)
RAL 2000
Insulating material group
IIIa
Comparative Tracking Index (CTI)
≥ 200
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Cu-alloy
Contact surface
Gold-plated
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
100 °C
Temperature range, installation, min.
-30 °C
Temperature range, installation, max.
100 °C
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
10 A
Rated current, max. number of poles
(Tu=20°C)
10 A
Rated current, min. number of poles
(Tu=40°C)
9 A
Rated current, max. number of poles
(Tu=40°C)
8.5 A
Rated voltage for surge voltage class /
pollution degree II/2
250 V
Rated voltage for surge voltage class /
pollution degree III/2
125 V
Rated voltage for surge voltage class /
pollution degree III/3
80 V
Rated impulse voltage for surge voltage
class/ pollution degree II/2
2.5 kV
Rated impulse voltage for surge voltage
class/ pollution degree III/2
2.5 kV
Rated impulse voltage for surge voltage
class/ contamination degree III/3
2.5 kV
Short-time withstand current resistance 3 x 1s with 77 A
 
Rated data acc. to CSA
 
Institute (CSA)
CSA
Certificate No. (CSA)
200039-1488444
Rated voltage (Use group B / CSA)
150 V
Rated current (Use group B / CSA)
5 A
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Rated data acc. to UL 1059
 
Institute (UR)
UR
Certificate No. (UR)
E60693
Rated voltage (Use group B / UL 1059) 150 V
Rated voltage (Use group C / UL 1059) 50 V
Rated current (Use group B / UL 1059) 10 A
Rated current (Use group C / UL 1059) 10 A
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Packing
 
Packaging
Box
VPE length
344.00 mm
VPE width
134.00 mm
VPE height
21.00 mm
 
Important note
 
IPC conformity
Conformity: The products are developed, manufactured and delivered according international
recognized standards and norms and comply with the assured properties in the data sheet resp.
fulfill decorative properties in accordance with IPC-A-610 "Class 2". Further claims on the products
can be evaluated on request.
Notes
• Additional variants on request
• Gold-plated contact surfaces on request
• Spacing between rows: see hole layout
• Rated current related to rated cross-section & min. No. of poles.
• Diameter of solder eyelet D = 1.3+0.1 mm
• P on drawing = pitch
 
Creation date 24.02.2026 08:33:03 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com