Electronic Components Datasheet Search
  English  ▼

X  

6000E Datasheet(PDF) 28 Page - Pico Technology Ltd.

Part # 6000E
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

6000E Datasheet(HTML) 28 Page - Pico Technology Ltd.

Back Button 6000E Datasheet HTML 24Page - Pico Technology Ltd. 6000E Datasheet HTML 25Page - Pico Technology Ltd. 6000E Datasheet HTML 26Page - Pico Technology Ltd. 6000E Datasheet HTML 27Page - Pico Technology Ltd. 6000E Datasheet HTML 28Page - Pico Technology Ltd. 6000E Datasheet HTML 29Page - Pico Technology Ltd. 6000E Datasheet HTML 30Page - Pico Technology Ltd. 6000E Datasheet HTML 31Page - Pico Technology Ltd. 6000E Datasheet HTML 32Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PicoScope® 6000E Series
Features
•
Up to 1.3 GHz probe bandwidth
•
Click-to-fit convenience
•
Super light flexible cable
•
Control capture start and stop using a button on the probe
•
Connects directly to PicoScope 6000E Series oscilloscopes with the Intelligent Probe
Interface
•
Powered by the oscilloscope, eliminating separate power supplies and interface boxes
•
Automatic probe detection and unit scaling
•
LED status indicator
A3000 Series active probes with Intelligent Probe Interface
The Pico A3000 Series are high-impedance active oscilloscope probes. They have been
designed to have minimal impact on the signal being probed with optimal signal transfer
to the PicoScope 6000E Series through the intelligent probe interface. Their ergonomic
design allows for comfortable handheld use with the addition of a button to start and
pause capturing in PicoScope.
The intelligent probe interface powers the probe from the scope and automatically sets
the scope’s scaling and input impedance to match the probe.
With an input resistance of 1 MΩ and capacitance of 0.9 pF, these active probes offer
high input impedance up to 1 GHz. These characteristics make this probe the most
versatile for many of your day-to-day measurements.
Specifications
A3076
A3136
Probe bandwidth (−3 dB)
750 MHz
1.3 GHz
Nominal system bandwidth
(−3 dB)
750 MHz (with 750 MHz
PicoScope 6000E models)
1 GHz (with 1 to 3 GHz
PicoScope 6000E models)
Input resistance
1 MΩ +3%, −0%
Input capacitance
0.9 pF nominal
Attenuation
10:1
DC gain accuracy (probe)
±3% of signal
DC gain accuracy
(with PicoScope 6000E Series)
±4% of signal (nominal)
DC offset accuracy
(with PicoScope 6000E Series)
±(1% of full scale + 4 mV) (nominal)
Offset accuracy can be improved by using the “zero offset”
function in PicoScope.
Input dynamic range
±5 V (DC + AC peak)
DC offset range
±10 V
Measurable voltage window
±15 V (DC + AC peak)
Maximum non-destructive input
voltage
±30 V (DC + AC peak) derated with frequency above
250 MHz
Noise
2.5 mV RMS nominal referred to probe input
Probe button
Control start/stop capture in PicoScope
Cable length
1.2 m
Optional accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com