Electronic Components Datasheet Search
  English  ▼

X  

6000E Datasheet(PDF) 34 Page - Pico Technology Ltd.

Part # 6000E
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

6000E Datasheet(HTML) 34 Page - Pico Technology Ltd.

Back Button 6000E Datasheet HTML 30Page - Pico Technology Ltd. 6000E Datasheet HTML 31Page - Pico Technology Ltd. 6000E Datasheet HTML 32Page - Pico Technology Ltd. 6000E Datasheet HTML 33Page - Pico Technology Ltd. 6000E Datasheet HTML 34Page - Pico Technology Ltd. 6000E Datasheet HTML 35Page - Pico Technology Ltd. 6000E Datasheet HTML 36Page - Pico Technology Ltd. 6000E Datasheet HTML 37Page - Pico Technology Ltd. 6000E Datasheet HTML 38Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PicoScope® 6000E Series
PicoScope model:
6426E
6425E
6824E
6424E
6406E
6405E
6804E
6404E
6403E
6428E-D
Timebase drift
±1 ppm/year
ADC sampling
Simultaneous sampling on all active analog and digital channels
External reference clock
Input characteristics
Hi-Z, AC coupled (> 1 kΩ at 10 MHz)
Input frequency range
10 MHz ±50 ppm
Input connector
Rear-panel BNC, dedicated
Input level
200 mV to 3.3 V peak to peak
Overvoltage protection
±5 V peak max
The external reference clock synchronizes both the scope and the AWG.
Dynamic performance (typical)
Crosstalk
2500:1 (±10 mV to ±1 V ranges)
600:1 (±2 V to ±20 V ranges)
1200:1 (±10 mV to ±1 V ranges)
300:1 (±2 V to ±20 V ranges)
2500:1 (±10 mV to ±1 V ranges)
600:1 (±2 V to ±20 V ranges)
1200:1 (±10 mV to ±1 V ranges)
300:1 (±2 V to ±20 V ranges)
1000:1 up to 500 MHz
200:1 up to 3 GHz
(from DC to bandwidth of victim channel, equal voltage ranges)
Harmonic distortion
(at 1 MHz full scale)
8-bit mode
–50 dB
10/12-bit mode –60 dB
N/A
−60 dB
SFDR (at 1 MHz full scale)
> 60 dB on ±50 mV to ±20 V ranges
> 50 dB on ±50 mV to ±20 V ranges
> 60 dB on ±50 mV to
±500 mV ranges
Noise
< 150 μV RMS on most sensitive range
< 200 μV RMS on most sensitive range
< 700 μV rms,
±50 mV range
Linearity
8-bit mode
< 2 LSB
10-bit mode
< 4 LSB
N/A
< 4 LSB
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth
(+1 dB, −3 dB) from
DC to full bandwidth
Low frequency flatness
< ±3% (or ±0.3 dB) from DC to 1 MHz
Triggering
Source
Any analog channel, AUX trigger, plus digital channels with optional TA369 MSO pods
Trigger modes
None, auto, repeat, single, rapid (segmented memory)
Advanced trigger types
(analog channels)
Edge (rising, falling, rising-or-falling), window (entering, exiting, entering-or-exiting), pulse width (positive or negative or either pulse), window pulse width (time
inside, outside window or either), level dropout (including high/low or either), window dropout (including inside, outside or either), interval, runt (positive or
negative), transition time (rise/fall), logic
Logic trigger capabilities:
AND or OR function of any number of trigger sources (analog channels, MSO ports and aux input)
NAND/NOR/XOR/XNOR of up to four trigger sources plus aux input
User-defined Boolean function of up to four trigger sources plus aux input (PicoSDK only)
Trigger sensitivity
(analog channels)
Digital triggering provides 1 LSB accuracy up to full bandwidth of scope with adjustable hysteresis
Advanced trigger types (digital
channels, with optional MSO pods)
Edge, pulse width, dropout, interval, pattern, logic (mixed signal)
Pre-trigger capture
Up to 100% of capture size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com