Electronic Components Datasheet Search
  English  ▼

X  

6000E Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # 6000E
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

6000E Datasheet(HTML) 6 Page - Pico Technology Ltd.

Back Button 6000E Datasheet HTML 2Page - Pico Technology Ltd. 6000E Datasheet HTML 3Page - Pico Technology Ltd. 6000E Datasheet HTML 4Page - Pico Technology Ltd. 6000E Datasheet HTML 5Page - Pico Technology Ltd. 6000E Datasheet HTML 6Page - Pico Technology Ltd. 6000E Datasheet HTML 7Page - Pico Technology Ltd. 6000E Datasheet HTML 8Page - Pico Technology Ltd. 6000E Datasheet HTML 9Page - Pico Technology Ltd. 6000E Datasheet HTML 10Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PicoScope® 6000E Series
The new PicoScope 6428E-D
The PicoScope 6428E-D adds a high-speed oscilloscope to the PicoScope 6000E Series with high bandwidth 50 Ω inputs and a reduced set of input ranges. Larger input signals can
be accommodated with the use of external attenuators or probes designed to be used with a 50 Ω input, such as the TA062 1.5 GHz low-impedance passive oscilloscope probe with
10:1 attenuation or the PicoConnect 900 Series of passive probes with up to 5 GHz bandwidth.
Built for speed!
With up to 3 GHz bandwidth complemented by an extremely fast, real-time sampling rate of 10 GS/s, the PicoScope 6428E-D can display single-shot pulses with 100 ps time
resolution. This level of sampling rate allows you to capture very fast, high-frequency signals with precision, for detailed signal analysis.
The 4-gigasample buffer can hold up to two 200 ms captures at the maximum sampling rate of 10 GS/s. This means you can record multiple instances of a signal or capture
different signal conditions.
The PicoScope 6428E-D is designed for scientists, engineers and researchers working in high-speed applications who need to capture, measure and analyze sub-nanosecond
waveform events – either in stand-alone applications or integrated as part of a larger system.
Typical applications:
•
High energy physics
•
Particle accelerators
•
LIDAR (light detection and ranging)
•
VISAR (velocity-interferometer system for any reflector)
•
Spectroscopy
•
Medical imaging
•
Semiconductor test
•
Non-destructive test
•
Production line test
Features:
•
4 channels and four input ranges per channel (±50 mV, ±100 mV, ±200 mV, ±500 mV)
•
Up to 3 GHz bandwidth
•
100 ps time resolution
•
4 GS capture memory
•
Up to 10 GS/s real-time sampling
•
8-, 10-, or 12-bit flexible resolution (FlexRes)
•
Segmented memory/rapid block trigger
•
Built-in function generator/AWG
•
Fast transfer of captured data to the host computer via the USB 3.0 SuperSpeed connection
•
Drivers and SDK included (Windows, Linux, Mac)
•
Programming examples for LabView, MATLAB, Python and C++
•
PicoScope software included
10 GS/s real-time sampling shows fast signals in detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com