Electronic Components Datasheet Search
  English  ▼

X  

6000E Datasheet(PDF) 40 Page - Pico Technology Ltd.

Part # 6000E
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

6000E Datasheet(HTML) 40 Page - Pico Technology Ltd.

Back Button 6000E Datasheet HTML 34Page - Pico Technology Ltd. 6000E Datasheet HTML 35Page - Pico Technology Ltd. 6000E Datasheet HTML 36Page - Pico Technology Ltd. 6000E Datasheet HTML 37Page - Pico Technology Ltd. 6000E Datasheet HTML 38Page - Pico Technology Ltd. 6000E Datasheet HTML 39Page - Pico Technology Ltd. 6000E Datasheet HTML 40Page - Pico Technology Ltd. 6000E Datasheet HTML 41Page - Pico Technology Ltd. 6000E Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
PicoScope® 6000E Series
Optional accessories
Order code
Description
MSO pods
TA369
8-channel MSO pod kit for PicoScope 6000E Series
MSO pod replacement accessories
PQ221
MSO pod spares kit
TA139
MSO test hooks, pack of 12
TA365
MSO digital interface cable
Probe positioning system
TA102
Two-footed probe holder
PQ215
4-channel probe holder and PCB holder kit, no probes
PQ219
8-channel probe holder upgrade kit with 4 probes for PicoScope 6000E Series
PQ218
4 additional probe holders
Passive probes
PQ067
PicoConnect 910 Kit: all six 4 to 5 GHz RF, microwave and pulse probe head models with cables
PQ066
PicoConnect 920 Kit: all six 6 to 9 GHz gigabit interchangeable probe head models with cables
TA274
PicoConnect 911 4 GHz ÷20 AC coupled probe
TA275
PicoConnect 912 4 GHz ÷20 DC coupled probe
TA278
PicoConnect 913 4 GHz ÷10 AC coupled probe
TA279
PicoConnect 914 4 GHz ÷10 DC coupled probe
TA282
PicoConnect 915 5 GHz ÷5 AC coupled probe
TA283
PicoConnect 916 5 GHz ÷5 DC coupled probe
TA272
PicoConnect 921 6 GHz ÷20 AC coupled probe
TA273
PicoConnect 922 6 GHz ÷20 DC coupled probe
TA276
PicoConnect 923 7 GHz ÷10 AC coupled probe
TA277
PicoConnect 924 7 GHz ÷10 DC coupled probe
TA280
PicoConnect 925 9 GHz ÷5 AC coupled probe
TA281
PicoConnect 926 9 GHz ÷5 DC coupled probe
TA062
1.5 GHz low-impedance passive oscilloscope probe 10:1 with BNC
TA437
P2056 500 MHz 10:1 passive probe
TA480
P2056 500 MHz 10:1 passive probe dual pack
TA436
P2036 300 MHz 10:1 passive probe
TA479
P2036 300 MHz 10:1 passive probe dual pack
TA065
2.5 mm oscilloscope probe advanced accessory kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com