Electronic Components Datasheet Search
  English  ▼

X  

TA282 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # TA282
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA282 Datasheet(HTML) 9 Page - Pico Technology Ltd.

Back Button TA282 Datasheet HTML 5Page - Pico Technology Ltd. TA282 Datasheet HTML 6Page - Pico Technology Ltd. TA282 Datasheet HTML 7Page - Pico Technology Ltd. TA282 Datasheet HTML 8Page - Pico Technology Ltd. TA282 Datasheet HTML 9Page - Pico Technology Ltd. TA282 Datasheet HTML 10Page - Pico Technology Ltd. TA282 Datasheet HTML 11Page - Pico Technology Ltd. TA282 Datasheet HTML 12Page - Pico Technology Ltd. TA282 Datasheet HTML 13Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
PicoScope® 6000E Series
PicoScope 7 software - frequency domain (spectrum analyzer) view
Ruler legend: Displays the
positions of all the rulers
you have placed on the view.
It appears automatically
whenever you position a ruler
on the view. When two rulers
have been positioned on one
channel, the padlock button
appears next to that ruler in the
ruler legend. Clicking this
button causes the two rulers to
track each other: dragging one
causes the other to
follow it, maintaining a fixed
separation. The button changes
to a "locked padlock" when the
rulers are locked.
Signal generator: For
oscilloscopes with
a built-in arbitrary
waveform generator
(AWG). Generates
standard signals or
arbitrary waveforms.
Includes frequency
sweep mode.
Auto setup: Click
this first to find your
signal, then adjust
using the other
controls.
More: Click to display
all available tools to
select and favorite for
quick access.
Navigate waveform right: When
zoomed-in, click to pan up the
frequency range.
Measurements window: Dynamically
updated automatic measurements.
Choose from a rich set of time-domain and
frequency-domain measurement types. The
measurements window can be un-docked
from the main display as shown, and even
moved to another monitor.
Channel axis: Each
channel has a color-
coded axis. Drag it up
or down to position the
channel.
Navigate waveform left:
When zoomed-in, click to
pan down the frequency
range.
Instruments: Switches
between the following
modes: scope,
spectrum, XY and
persistence.
Frequency rulers: Drag
ruler from left to right to
mark a point on the axis.
The ruler legend displays
the frequency at each
ruler and the difference
between them.
dB/voltage rulers: Drag
up or down to mark a
point on the axis. The
ruler legend will display
the decibel/voltage value
at each ruler and the
difference between them.
Zoom window: Shows the full
waveforms on all active
channels. The grey rectangle
indicates the area that is visible
in the current view.
Spectrum controls: Set the frequency
range, window functions (Blackman,
Gaussian, Triangular, Hamming,
Hann, Blackman-Harris, Flat-top or
Rectangular), number of bins (bin width
and collection time are calculated and
displayed) and XY axis settings.
Trigger controls: The
full advanced trigger
capabilities of the scope are
available in spectrum mode,
to capture the frequency
spectrum of a single event.
Favorited tools or
functions such as
Measurements, Math
channels, Serial
protocol decoding,
Rulers, Reference
waveforms, Masks and
Actions are one touch
away in a custom UI
panel.
Measurement statistics: The
minimum, maximum, average
and standard deviation of each
measurement are calculated and
displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com