Electronic Components Datasheet Search
  English  ▼

X  

TA282 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # TA282
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA282 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  TA282 Datasheet HTML 1Page - Pico Technology Ltd. TA282 Datasheet HTML 2Page - Pico Technology Ltd. TA282 Datasheet HTML 3Page - Pico Technology Ltd. TA282 Datasheet HTML 4Page - Pico Technology Ltd. TA282 Datasheet HTML 5Page - Pico Technology Ltd. TA282 Datasheet HTML 6Page - Pico Technology Ltd. TA282 Datasheet HTML 7Page - Pico Technology Ltd. TA282 Datasheet HTML 8Page - Pico Technology Ltd. TA282 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
PicoScope® 6000E Series
Product overview
The PicoScope 6000E Series fixed-resolution and FlexRes oscilloscopes provide 8 to 12 bits of vertical resolution, 1 GHz bandwidth and 5 GS/s sampling rate. Models with
four or eight analog channels have the timing and amplitude resolution you need to reveal critical signal integrity issues such as timing errors, glitches, dropouts, crosstalk and
metastability issues. The 6000E Series now includes the four-channel PicoScope 6428E-D which offers 3 GHz
bandwidth and 10 GS/s maximum sampling rate with 50 Ω inputs and a reduced set of input ranges.
Typical applications
These instruments are ideal for design engineers working with high-performance embedded systems,
signal processing, power electronics, mechatronics and automotive designs, and for researchers and
scientists working on multi-channel high-performance experiments in physics labs, particle accelerators and
similar facilities.
Best-in-class bandwidth, sampling rate and memory depth
Capture time in PicoScope at maximum sampling rate: 200 ms at 5 GS/s (10 GS/s for the PicoScope 6428E-D)
The PicoScope 6000E Series oscilloscopes, with up to 1 GHz
analog bandwidth complemented by a real-time sampling rate
of 5 GS/s, can display single-shot pulses with 200 ps time
resolution.
The PicoScope 6428E-D with up to 3 GHz analog bandwidth
complemented by a real-time sampling rate of 10 GS/s can
display single-shot pulses with 100 ps time resolution.
The PicoScope 6000E Series gives you the deepest capture
memory available as standard on any oscilloscope – up to
4 GS in total.
This ultra-deep memory allows the oscilloscope to capture
200 ms waveforms at its maximum sampling rate of 5 GS/s.
The PicoScope 6428E-D can capture 200 ms waveforms at 10
GS/s.
Custom applications using PicoSDK can allocate the
scope’s whole memory to a single waveform and sustain the
maximum 5 GS/s sampling rate for even longer captures, up
to 800 ms. The 6428E-D can sustain a maximum 10 GS/s
sampling rate for 400 ms at 8-bit resolution.
The SuperSpeed USB 3.0 interface and hardware acceleration
ensure that the display is smooth and responsive even with
long captures.
The PicoScope 6000E Series gives you the waveform memory, resolution and analysis tools that you need to perform stringent testing of today’s high-performance embedded
computers and next-generation embedded system designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com