Electronic Components Datasheet Search
  English  ▼

X  

TA282 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # TA282
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA282 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  TA282 Datasheet HTML 1Page - Pico Technology Ltd. TA282 Datasheet HTML 2Page - Pico Technology Ltd. TA282 Datasheet HTML 3Page - Pico Technology Ltd. TA282 Datasheet HTML 4Page - Pico Technology Ltd. TA282 Datasheet HTML 5Page - Pico Technology Ltd. TA282 Datasheet HTML 6Page - Pico Technology Ltd. TA282 Datasheet HTML 7Page - Pico Technology Ltd. TA282 Datasheet HTML 8Page - Pico Technology Ltd. TA282 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
PicoScope® 6000E Series
Mixed-signal operation
When fitted with optional 8-channel TA369 MSO pods, the PicoScope 6000E Series adds
up to 16 high-performance digital channels to up to eight analog channels, enabling
you to accurately time-correlate analog and digital signals. Digital channel bandwidth is
500 MHz, equivalent to 1 Gb/s with 1 ns minimum pulse width. The input capacitance of
only 3.5 pF minimizes loading on the device under test.
Digital channels, captured from either parallel or multiple serial buses, may be grouped
and displayed as a bus, with each bus value displayed in hex, binary or decimal, or as
a level (for DAC testing). You can set advanced triggers across the analog and digital
channels.
The digital inputs also bring extra power to the serial decoding feature. You can
decode serial data on all analog and digital channels simultaneously, giving you up to
24 channels of data – for example, decoding multiple SPI, I²C, CAN bus, LIN bus and
FlexRay signals all at the same time!
Analog waveforms (top) and digital waveforms (bottom) shown on PicoScope display
Digital channels connected to a device under test
A typical test set-up with four analogue probes (situated on the DUT using
the probe positioning system) and one TA369 MSO pod with eight digital
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com