Electronic Components Datasheet Search
  English  ▼

X  

TA282 Datasheet(PDF) 29 Page - Pico Technology Ltd.

Part # TA282
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA282 Datasheet(HTML) 29 Page - Pico Technology Ltd.

Back Button TA282 Datasheet HTML 25Page - Pico Technology Ltd. TA282 Datasheet HTML 26Page - Pico Technology Ltd. TA282 Datasheet HTML 27Page - Pico Technology Ltd. TA282 Datasheet HTML 28Page - Pico Technology Ltd. TA282 Datasheet HTML 29Page - Pico Technology Ltd. TA282 Datasheet HTML 30Page - Pico Technology Ltd. TA282 Datasheet HTML 31Page - Pico Technology Ltd. TA282 Datasheet HTML 32Page - Pico Technology Ltd. TA282 Datasheet HTML 33Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PicoScope® 6000E Series
TA369 MSO pod
All PicoScope 6000E Series models can be upgraded to MSO capability by adding one
or two active MSO pods. Each pod features eight permanently attached flying leads
terminating in MSO probes for connection to the circuit under test.
The active MSO pods bring the MSO input circuitry closer to the device under test,
minimizing loading and giving the best possible performance.
The MSO pod connects to either of two digital interface ports on the scope front panel
using a 0.5 m digital interface cable and is powered by the scope. All PicoScope 6000E
Series models support up to two MSO pods.
The innovative single and multi-way ground clips allow fast and flexible connection to all
signal and ground pins in a double row header, regardless of where the layout engineer
has placed them.
Features:
•
8 digital inputs per pod
•
500 MHz bandwidth, 1 Gb/s
•
5 GS/s sampling on 16 digital channels
•
1 ns minimum pulse width
•
Minimal load on the device under test: 101 kΩ
∥3.5pF
•
Innovative ground clips for easy connection to 2-row, 2.54 mm-pitch headers
•
8 ground leads and 12 mini test hooks included
An MSO pod spares kit (PQ221) is also available, which contains extra 1-way, 4-way and
8-way MSO ground clips and MSO ground leads.
For a header with a mix of
non-adjacent and adjacent
signal pins.
For headers with adjacent
signal and ground pin
rows.
For headers with adjacent
signal pins but lacking
sufficient grounds, utilize
a ground lead to connect
to a remote ground on the
DUT.
Optional accessories
PicoScope displays analog and digital channels, selected digital inputs and groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com