Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS732
Description  TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS732 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 17Page - Texas Instruments TPS732 Datasheet HTML 18Page - Texas Instruments TPS732 Datasheet HTML 19Page - Texas Instruments TPS732 Datasheet HTML 20Page - Texas Instruments TPS732 Datasheet HTML 21Page - Texas Instruments TPS732 Datasheet HTML 22Page - Texas Instruments TPS732 Datasheet HTML 23Page - Texas Instruments TPS732 Datasheet HTML 24Page - Texas Instruments TPS732 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7.2.2 Detailed Design Procedure
7.2.2.1 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1μF to
1μF low ESR capacitor across the input supply near the regulator. This counteracts reactive input sources and
improves transient response, noise rejection, and ripple rejection. A higher-value capacitor can be necessary if
large, fast rise-time load transients are anticipated or the device is located several inches from the power source.
The TPS732-Q1 family of devices does not require an output capacitor for stability and has maximum phase
margin with no capacitor. The devices are designed to be stable for all available types and values of capacitors.
In applications where VIN – VOUT < 0.5V and multiple low ESR capacitors are in parallel, ringing can occur when
the product of COUT and total ESR drops below 50nF×Ω. Total ESR includes all parasitic resistances, including
capacitor ESR and board, socket, and solder joint resistance. In most applications, the sum of capacitor ESR
and trace resistance meets this requirement.
7.2.2.2 Output Noise
A precision band-gap reference is used to generate the internal reference voltage, VREF. This reference is the
dominant noise source within the TPS732-Q1 family of devices and generates approximately 32μVRMS (10Hz to
100kHz) at the reference output (NR). The regulator control loop gains up the reference noise with the same
gain as the reference voltage, so that the noise voltage of the regulator is approximately given by:
VN=32μVRMS× R1+R2R2 =32μVRMS×VOUTVREF
(3)
Because the value of VREF is 1.2V, this relationship reduces to:
VNμVRMS =27 μVRMSV ×VOUTV
(4)
where
• CNR does not exist
An internal 27kΩ resistor in series with the noise reduction pin (NR) forms a low-pass filter for the voltage
reference when an external noise reduction capacitor, CNR, is connected from NR to ground. For CNR = 10nF,
the total noise in the 10Hz to 100kHz bandwidth is reduced by a factor of approximately 3.2, giving the
approximate relationship:
VNμVRMS =8.5 μVRMSV ×VOUTV
(5)
where
• CNR = 10nF
This noise reduction effect is shown as RMS Noise Voltage vs CNR in Typical Characteristics.
The TPS73201-Q1 adjustable version does not have the noise-reduction pin available. However, connecting
a feedback capacitor, CFB, from the output to the FB pin reduces output noise and improve load transient
performance.
The TPS732-Q1 family of devices uses an internal charge pump to develop an internal supply voltage sufficient
to drive the gate of the NMOS pass element above VOUT. The charge pump generates approximately 250μV of
switching noise at approximately 2MHz; however, charge-pump noise contribution is negligible at the output of
the regulator for most values of IOUT and COUT.
www.ti.com
TPS732-Q1
SGLS303H – MAY 2005 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com