Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS732
Description  TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS732 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 9Page - Texas Instruments TPS732 Datasheet HTML 10Page - Texas Instruments TPS732 Datasheet HTML 11Page - Texas Instruments TPS732 Datasheet HTML 12Page - Texas Instruments TPS732 Datasheet HTML 13Page - Texas Instruments TPS732 Datasheet HTML 14Page - Texas Instruments TPS732 Datasheet HTML 15Page - Texas Instruments TPS732 Datasheet HTML 16Page - Texas Instruments TPS732 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
5.8 Typical Characteristics (continued)
for all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF (unless otherwise
noted)
10µs/div
50mV/div
50mV/div
1V/div
V
OUT
V
OUT
V
IN
I
OUT = 250mA
5.5V
4.5V
dV
IN
dt
= 0.5V/µs
C
OUT = 0µF
C
OUT = 100µF
Legacy silicon
Figure 5-37. TPS73233-Q1 – Line Transient Response
New silicon
Figure 5-38. TPS73233-Q1 Line Transient Response
100 µs/div
1V/div
1V/div
R
L = 20 Ω
C
OUT = 10 µF
2V
0V
R
L = 1 kΩ
C
OUT = 0 µF
R
L = 20 Ω
C
OUT = 1 µF
V
OUT
V
EN
Legacy silicon
Figure 5-39. TPS73233-Q1 – Turn-On Response
New silicon
Figure 5-40. TPS73233-Q1 Turn-On Response
100 µs/div
1V/div
1V/div
R
L = 20 Ω
C
OUT = 10 µF
2V
0V
R
L = 1 kΩ
C
OUT = 0 µF
R
L = 20 Ω
C
OUT = 1 µF
V
OUT
V
EN
Legacy silicon
Figure 5-41. TPS73233-Q1 – Turn-Off Response
New silicon
Figure 5-42. TPS73233-Q1 Turn-Off Response
www.ti.com
TPS732-Q1
SGLS303H – MAY 2005 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com