Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS732
Description  TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS732 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 8Page - Texas Instruments TPS732 Datasheet HTML 9Page - Texas Instruments TPS732 Datasheet HTML 10Page - Texas Instruments TPS732 Datasheet HTML 11Page - Texas Instruments TPS732 Datasheet HTML 12Page - Texas Instruments TPS732 Datasheet HTML 13Page - Texas Instruments TPS732 Datasheet HTML 14Page - Texas Instruments TPS732 Datasheet HTML 15Page - Texas Instruments TPS732 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
5.8 Typical Characteristics (continued)
for all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF (unless otherwise
noted)
60
50
40
30
20
10
0
C
OUT (µF)
0.1
1
10
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.5V
C
NR = 0.01 µF
10Hz < Frequency < 100kHz
Legacy silicon
Figure 5-31. RMS Noise Voltage vs COUT
New silicon
Figure 5-32. RMS Noise Voltage vs COUT
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
10Hz < Frequency < 100kHz
C
OUT = 0 µF
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.5V
Legacy silicon
Figure 5-33. RMS Noise Voltage vs CNR
New silicon
Figure 5-34. RMS Noise Voltage vs CNR
10µs/div
50mV/tick
50mV/tick
50mV/tick
50mA/tick
V
IN = 3.8V
C
OUT = 0µF
C
OUT = 1µF
C
OUT = 10µF
10mA
250mA
V
OUT
V
OUT
V
OUT
I
OUT
Legacy silicon
Figure 5-35. TPS73233-Q1 – Load Transient Response
New silicon
Figure 5-36. TPS73233-Q1 Load Transient Response
TPS732-Q1
SGLS303H – MAY 2005 – REVISED JULY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com