Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS732
Description  TPS732-Q1 Automotive, Cap-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse-Current Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS732 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 34Page - Texas Instruments TPS732 Datasheet HTML 35Page - Texas Instruments TPS732 Datasheet HTML 36Page - Texas Instruments TPS732 Datasheet HTML 37Page - Texas Instruments TPS732 Datasheet HTML 38Page - Texas Instruments TPS732 Datasheet HTML 39Page - Texas Instruments TPS732 Datasheet HTML 40Page - Texas Instruments TPS732 Datasheet HTML 41Page - Texas Instruments TPS732 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.37
0.25
1.75 0.1
2X
1.95
1.5 0.1
6X 0.65
1 MAX
8X
0.5
0.3
0.05
0.00
(0.65)
A
3.1
2.9
B
3.1
2.9
(DIM A) TYP
4X (0.23)
VSON - 1 mm max height
DRB0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218875/A 01/2018
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com