Electronic Components Datasheet Search
  English  ▼

X  

M36W108 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M36W108 Datasheet HTML 11Page - STMicroelectronics M36W108 Datasheet HTML 12Page - STMicroelectronics M36W108 Datasheet HTML 13Page - STMicroelectronics M36W108 Datasheet HTML 14Page - STMicroelectronics M36W108 Datasheet HTML 15Page - STMicroelectronics M36W108 Datasheet HTML 16Page - STMicroelectronics M36W108 Datasheet HTML 17Page - STMicroelectronics M36W108 Datasheet HTML 18Page - STMicroelectronics M36W108 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15/35
M36W108T, M36W108B
Table 14. DC Characteristics
(TA = 0 to 70°C, –20 to 85°C, –40 to 85°C; VCCF = VCCS = 2.7V to 3.6V)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCCF / VCCS
–1
1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCCF / VCCS
–1
1
µA
ICCF1
Flash Chip Supply Current (Read)
EF = VIL, G = VIH, f = 6MHz,
V
≤ VOUT ≤ VCCF
10
mA
ICCF2
(1)
Flash Chip Supply Current (Write)
Program or Erase in progress
20
µA
ICCF3
Flash Chip Supply Current (Stand-by)
EF = VCCF ± 0.2V
100
µA
ICCS1
SRAM Chip Supply Current (Read)
E1S = VIL, E2S = VIH, f= 10MHz
40
mA
E1S = VIL, E2S = VIH, f= 1MHz
10
mA
ICCS2
(1)
SRAM Chip Supply Current (Write)
20
mA
ICCS3
SRAM Chip Supply Current (Stand-by)
20
µA
VILF
Flash Chip Input Low Voltage
–0.5
0.8
V
VIHF
Flash Chip Input High Voltage
0.7 VCCF
VCCF + 0.3
V
VILS
SRAM Chip Input Low Voltage
–0.3
0.4
V
VIHS
SRAM Chip Input High Voltage
2.2
VCCS + 0.3
V
VOLF
Flash Chip Output Low Voltage
IOL = 1.8mA
0.45
V
VOHF
Flash Chip Output High Voltage
IOH = –100µA
VCCF – 0.4
V
VOLS
SRAM Chip Output Low Voltage
IOL = 2.1mA
0.4
V
VOHS
SRAM Chip Output High Voltage
IOH = –1.0mA
2.2
V
Table 15. Capacitance (1)
(TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Figure 5. AC Testing Load Circuit
AI01968
0.8V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Table 16. AC Measurement Conditions
Input Rise and Fall Times
≤ 10ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Figure 4. AC Testing Input/Output Waveforms
AI01417
3V
0V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com