Electronic Components Datasheet Search
  English  ▼

X  

M36W108 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 2 Page - STMicroelectronics

  M36W108 Datasheet HTML 1Page - STMicroelectronics M36W108 Datasheet HTML 2Page - STMicroelectronics M36W108 Datasheet HTML 3Page - STMicroelectronics M36W108 Datasheet HTML 4Page - STMicroelectronics M36W108 Datasheet HTML 5Page - STMicroelectronics M36W108 Datasheet HTML 6Page - STMicroelectronics M36W108 Datasheet HTML 7Page - STMicroelectronics M36W108 Datasheet HTML 8Page - STMicroelectronics M36W108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
M36W108T, M36W108B
2/35
DESCRIPTION
The M36W108 is multi-chip device containing an
8 Mbit boot block Flash memory and a 1 Mbit of
SRAM. The device is offered in the new Chip
Scale Package solutions: LBGA48 1.0 mm ball
pitch and LGA48 1.0 mm land pitch.
The two components, of the package’s overall 9
Mbit of memory, are distinguishable by use of the
three chip enable lines: EF for the Flash memory,
E1S and E2S for the SRAM.
The Flash memory component is identical with the
M29W008 device. It is a non-volatile memory that
may be erased electrically at the block or chip level
and programmed in-system on a Byte-by-Byte ba-
sis using only a single 2.7V to 3.6V VCCF supply.
For Program and Erase operations the necessary
high voltages are generated internally. The device
can also be programmed in standard program-
mers. The array matrix organization allows each
block to be erased and reprogrammed without af-
fecting other blocks.
Instructions for Read/Reset, Auto Select for read-
ing the Electronic Signature, Programming, Block
Figure 2. LBGA and LGA Connections (Top View)
C
B
A
6
5
4
3
2
1
E
D
F
G
A11
A14
A1
NC
EF
VSS
A2
A3
DQ3
NC
NC
A4
A7
VCCF
NC
A0
VSS
A8
A18
VCCS
DQ1
DQ2
DQ4
A5
NC
W
DQ7
DQ5
A19
NC
A6
DQ0
A10
E1S
AI02508
G
H
E2S
RB
A13
DQ6
NC
A9
A15
A12
NC
A16
NC
RP
A17
Table 1. Signal Names
A0-A16
Address Inputs
A17-A19
Address Inputs for Flash Chip
DQ0-DQ7
Data Input/Outputs, Command Inputs
for Flash Chip
EF
Chip Enable for Flash Chip
E1S, E2S
Chip Enable for SRAM Chip
G
Output Enable
W
Write Enable
RP
Reset for Flash Chip
RB
Ready/Busy Output for Flash Chip
VCCF
Supply Voltage for Flash Chip
VCCS
Supply Voltage for SRAM Chip
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com