Electronic Components Datasheet Search
  English  ▼

X  

M36W108 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M36W108 Datasheet HTML 22Page - STMicroelectronics M36W108 Datasheet HTML 23Page - STMicroelectronics M36W108 Datasheet HTML 24Page - STMicroelectronics M36W108 Datasheet HTML 25Page - STMicroelectronics M36W108 Datasheet HTML 26Page - STMicroelectronics M36W108 Datasheet HTML 27Page - STMicroelectronics M36W108 Datasheet HTML 28Page - STMicroelectronics M36W108 Datasheet HTML 29Page - STMicroelectronics M36W108 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
M36W108T, M36W108B
26/35
Table 21. SRAM Read AC Characteristics
(TA = 0 to 70 °C, –20 to 85 °C or –40 to 85 °C; VCCS = 2.7V to 3.6V)
Note: 1. Sampled only. Not 100% tested.
2. See Flash-SRAM Switching Waveforms.
Symbol
Parameter
SRAM Chip
Unit
100
CL = 100pF
Min
Max
tAVAV
Read Cycle Time
100
ns
tAVQV
Address Valid to Output Valid
100
ns
tE1LQV
Chip Enable 1 Low to Output Valid
100
ns
tE2HQV
Chip Enable 2 High to Output Valid
100
ns
tGLQV
Output Enable Low to Output Valid
50
ns
tE1LQX
Chip Enable 1 Low to Output Transition
10
ns
tE2HQX
Chip Enable 2 High to Output Transition
10
ns
tGLQX
Output Enable Low to Output Transition
5
ns
tE1HQZ
Chip Enable 1 High to Output Hi-Z
0
30
ns
tE2LQZ
Chip Enable 2 Low to Output Hi-Z
0
30
ns
tGHQZ
Output Enable High to Output Hi-Z
0
30
ns
tAXQX
Address Transition to Output Transition
15
ns
tPU
(1)
Chip Enable 1 Low or Chip Enable 2 High to Power Up
0
ns
tPD
(1)
Chip Enable 1 High or Chip Enable 2 Low to Power Down
100
ns
tCCR
(2)
Chip Enable Recovery Time
0
ns
Figure 14. SRAM Read Mode AC Waveforms, Address Controlled
Note: E1S = Low, E2S = High, G = Low, W = High.
AI02436
tAVAV
tAVQV
tAXQX
A0-A16
DQ0-DQ7
VALID
DATA VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com