Electronic Components Datasheet Search
  English  ▼

X  

DMR01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DMR01
Description  Low Power Digital Multichannel Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMR01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DMR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 10Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 11Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 12Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Datasheet_DMR01 June 2003
page 13 / 13
MIN
NOM
MAX
NOTE
A
1.10
A1
0.05
0.15
A2
0.85
0.90
0.95
4.40 mm Body
D
6.40
6.50
6.60
3, 8
0.65 mm Lead Pitch
E1
4.30
4.40
4.50
4, 8
E
6.4 BSC
e
0.65 BSC
L
0.50
0.60
0.75
R
0.09
R1
0.09
b
0.19
0.30
5
b1
0.19
0.22
0.25
c
0.09
0.20
c1
0.09
0.16
θ1
0°
8°
L1
1.0 REF
aaa
0.10
bbb
0.10
ccc
0.05
ddd
0.20
e
0.65 BSC
θ2
12° REF
θ3
12° REF
Note : 1, 2
Issue : A
BSC = Basic ...
NOTES:
1.
ALL DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
2.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M – 1994.
3.
DIMENSION ’D’ DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS
OR GATE BURRS SHALL NOT EXCEED 0.15 PER SIDE.
4.
DIMENSION ’E1’ DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 PER SIDE.
5.
DIMENSION ’b’ DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08
MM TOTAL IN EXCESS OF THE ’b’ DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE
LOCATED ON THE LOWER RADIUS OF THE FOOT. MINIMUM SPACE BETWEEN PROTRUSION AND ADJACENT
LEAD IS 0.07 MM FOR 0.5 MM PITCH PACKAGES.
6.
TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY.
7.
DATUMS -A - AND - B - TO BE DETERMINED AT DATUM PLANE - H -
8.
DIMENSIONS ’D’ ANO ’E1’ ARE TO BE DETERMINED AT DATUM PLANE - H -
9.
THIS DIMENSION APPLIES ONLY TO VARIATIONS WITH AN EVEN NUMBER OF LEADS PER SIDE. FOR VARIATION
WITH AN ODD NUMBER OF LEADS PER SIDE, THE “CENTER“ LEAD MUST BE COINCIDENT WITH THE PACKAGE
CENTERLINE,. DATUM A.
10. ACROSS SECTION A – A TO BE DETERMINED AT 0.10 TO 0.25 MM FROM THE LEADTIP.
11. THIS VARIATION IS NOT REGISTERED WITH JEDEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com