Electronic Components Datasheet Search
  English  ▼

X  

DMR01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DMR01
Description  Low Power Digital Multichannel Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMR01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DMR01 Datasheet HTML 1Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 2Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 3Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 4Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet_DMR01 June 2003
Electrical Specifications
AC / DC Characteristics @ VDD = 3.3V ,TA = 25°C unless otherwise specified
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
INPUT RECEIVER BANDWIDTH
BW0 = 0
BW0 = 1
10
130
kHz
kHz
DATA RATE
Br = 00
Br = 01
Br = 10
Br = 11
1024
2048
4096
8192
Bit/s
Bit/s
Bit/s
Bit/s
INPUT @ BW0 = 1
Input Bias Voltage
Input Impedance
Voltage Gain (@ GA = 00)
Voltage Gain (@ GA = 01)
Voltage Gain (@ GA = 10)
Voltage Gain (@ GA = 11)
small signal
0.95
271
55
49
43
35
1.35
315
67
61
55
47
1.90
370
70
64
58
50
V
k
Ω
dB
dB
dB
dB
INPUT @ BW0 = 0
Input Bias Voltage
Input Impedance
Voltage Gain (@GA = 00)
Voltage Gain (@GA = 01)
Voltage Gain (@GA = 10)
Voltage Gain (@GA = 11)
small signal
0.95
287
55
49
43
35
1.28
340
69
63
57
49
1.75
410
70
64
58
50
V
k
Ω
dB
dB
dB
dB
PREAMPLIFIER NOISE @ BW0 = 1
Spectral Noise Voltage referred to Input (RMS)
Broadband Output Noise
@100kHz
1Hz – 1 MHz
77
165
nV/
√ Hz
mV
PREAMPLIFIER NOISE @ BW0 = 0
Spectral Noise Voltage referred to Input (RMS)
Broadband Output Noise
@ 10kHz
1Hz – 1 MHz
213
193
nV /
√ Hz
mV
POWERUP TIME
100
µs
RECEIVER WAKE-UP TIME
100
µs
SPI-INTERFACE (Sin, Sout, Sck)
Logical low level
Logical high level
Clock frequency
Clock high time
Clock low time
Rise time (Clock)
Fall time (Clock)
Data input setup time
Data input hold time
Chip select setup time
Chip select hold time
0.7VDD
80
80
0.3VDD
5
10
10
5
5
10
10
V
V
MHz
ns
ns
ns
ns
ns
ns
ns
ns
POWER SUPPLY @ BW0 = 1
Standby current (Rec on = 0)
Operating current (Rec on = 1)
No load, no clock
fClk =32kHz
1
56
5
105
µA
µA
POWER SUPPLY @ BW0 = 0
Standby current (Rec on = 0)
Operating current (Rec on = 1)
No load, no clock
fClk =32kHz
1
43
5
90
µA
µA
TEMPERATURE
Specified range
-20
27
60
°C
page 2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com