Electronic Components Datasheet Search
  English  ▼

X  

DMR01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DMR01
Description  Low Power Digital Multichannel Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMR01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DMR01 Datasheet HTML 1Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 2Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 3Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 4Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers DMR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Datasheet_DMR01 June 2003
Absolute maximum ratings
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
2.5
3.6
5.5
V
Voltage @ all Inputs and Outputs Pins
VSS-0.3
VDD+0.3
V
ESD protection on all pins
1
kV
Current @ all Input and Output Pins
10
mA
Operating Temperature
-20
85
°C
Storage Temperature
-65
150
°C
Soldering Temperature
10 seconds
250
°C
Pin Configuration
TSSOP20 package
Pin #
Name
Description
1
ANAIN
RF input signal
2
CMPIN
Level detect input
3
AVSS
Analog Ground
4
RECON
Power for external circuit
5
DVSS
Digital ground
6
RESB
Reset
7
F32K
Input for external clock
8
IRQB
Interrupt (valid data received)
9
DVSS
Digital ground
10
CLKOUT
Clock for uncoded data
11
DOUT
Uncoded data output
12
DVDD
Digital supply voltage
13
SCK
Serial data clock for SPI
14
SIN
Serial data input for SPI
15
SOUT
Serial output for SPI
16
CSB
Chip select
17
TESTB
Test pin
18
NC
Not connected
19
AVDD
Analog supply voltage
20
ANATST
Test pin (output)
DMR01
DVSS
RECON
DVSS
DVDD
DOUT
SCK
SIN
SOUT
CSB
TESTB
NC
AVDD
ANATST
CKOUT
IRQB
F32K
RESB
AVSS
CMPIN
ANAIN
page 3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com