Electronic Components Datasheet Search
  English  ▼

X  

M48T512V Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 1 Page - STMicroelectronics

  M48T512V Datasheet HTML 1Page - STMicroelectronics M48T512V Datasheet HTML 2Page - STMicroelectronics M48T512V Datasheet HTML 3Page - STMicroelectronics M48T512V Datasheet HTML 4Page - STMicroelectronics M48T512V Datasheet HTML 5Page - STMicroelectronics M48T512V Datasheet HTML 6Page - STMicroelectronics M48T512V Datasheet HTML 7Page - STMicroelectronics M48T512V Datasheet HTML 8Page - STMicroelectronics M48T512V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
February 2005
M48T512Y
M48T512V*
5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
* Contact local ST sales office for availability of 3.3V version.
FEATURES SUMMARY
■
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL
CONTROL CIRCUIT, BATTERY, AND
CRYSTAL
■
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES, AND SECONDS
■
AUTOMATIC POWER-FAIL CHIP
DESELECT and WRITE PROTECTION
■
WRITE PROTECT VOLTAGES:
(VPFD = Power-fail Deselect Voltage)
–
M48T512Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
–
M48T512V*: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
■
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
■
SOFTWARE CONTROLLED CLOCK
CALIBRATION FOR HIGH ACCURACY
APPLICATIONS
■
10 YEARS OF DATA RETENTION AND
CLOCK OPERATION IN THE ABSENCE OF
POWER
■
PIN AND FUNCTION COMPATIBLE WITH
INDUSTRY STANDARD 512K x 8 SRAMS
■
SELF-CONTAINED BATTERY AND
CRYSTAL IN DIP PACKAGE
Figure 1. 32-pin, PMDIP Module
32
1
PMDIP32 (PM)
Module


Similar Part No. - M48T512V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512V STMICROELECTRONICS-M48T512V Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V STMICROELECTRONICS-M48T512V Datasheet
370Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
24-Jun-2011
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
370Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
24-Jun-2011
M48T512V-85PM1 STMICROELECTRONICS-M48T512V-85PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
More results

Similar Description - M48T512V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
4 Mbit 512Kb x8 ZEROPOWER SRAM
Mar-2000
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
4 Mbit 512Kb x8 Low Power SRAM with Output Enable
14-Mar-2000
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com