Electronic Components Datasheet Search
  English  ▼

X  

M48T512V Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 4 Page - STMicroelectronics

  M48T512V Datasheet HTML 1Page - STMicroelectronics M48T512V Datasheet HTML 2Page - STMicroelectronics M48T512V Datasheet HTML 3Page - STMicroelectronics M48T512V Datasheet HTML 4Page - STMicroelectronics M48T512V Datasheet HTML 5Page - STMicroelectronics M48T512V Datasheet HTML 6Page - STMicroelectronics M48T512V Datasheet HTML 7Page - STMicroelectronics M48T512V Datasheet HTML 8Page - STMicroelectronics M48T512V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
M48T512Y, M48T512V*
4/21
SUMMARY DESCRIPTION
The M48T512Y/V TIMEKEEPER® RAM is a
512Kb x 8 non-volatile static RAM and real time
clock organized as 524,288 words by 8 bits. The
special DIP package provides a fully integrated
battery back-up memory and real time clock solu-
tion.
The M48T512Y/V directly replaces industry stan-
dard 512Kb x 8 SRAMs. It also provides the non-
volatility of Flash without any requirement for spe-
cial WRITE timing or limitations on the number of
WRITEs that can be performed.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. 32-pin DIP Connections
AI02262
19
A0-A18
DQ0-DQ7
VCC
M48T512Y
M48T512V
G
VSS
8
E
W
A0-A18
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
WRITE Enable Input
VCC
Supply Voltage
VSS
Ground
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A16
A18
VCC
AI02263
10
1
2
5
6
7
8
9
11
12
13
14
15
16
30
29
26
25
24
23
22
21
20
19
18
17
A12
A14
W
A17
3
4
28
27
32
31
M48T512Y
M48T512V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com