Electronic Components Datasheet Search
  English  ▼

X  

M48T512V Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 12Page - STMicroelectronics M48T512V Datasheet HTML 13Page - STMicroelectronics M48T512V Datasheet HTML 14Page - STMicroelectronics M48T512V Datasheet HTML 15Page - STMicroelectronics M48T512V Datasheet HTML 16Page - STMicroelectronics M48T512V Datasheet HTML 17Page - STMicroelectronics M48T512V Datasheet HTML 18Page - STMicroelectronics M48T512V Datasheet HTML 19Page - STMicroelectronics M48T512V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
M48T512Y, M48T512V*
16/21
Table 9. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. Outputs deselected.
Symbol
Parameter
Test
Condition(1)
M48T512Y
M48T512V
Unit
–70
–85
Min
Max
Min
Max
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±2
±2
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±2
±2
µA
ICC
Supply Current
Outputs open
115
60
mA
ICC1
Supply Current (Standby) TTL
E = VIH
84
mA
ICC2
Supply Current (Standby)
CMOS
E = VCC – 0.2V
43
mA
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.4
V
VIH
Input High Voltage
2.2
VCC +0.3
2.2
VCC +0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com