Electronic Components Datasheet Search
  English  ▼

X  

TMF0020DRPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TMF0020DRPR
Description  TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0020DRPR Datasheet(HTML) 3 Page - Texas Instruments

  TMF0020DRPR Datasheet HTML 1Page - Texas Instruments TMF0020DRPR Datasheet HTML 2Page - Texas Instruments TMF0020DRPR Datasheet HTML 3Page - Texas Instruments TMF0020DRPR Datasheet HTML 4Page - Texas Instruments TMF0020DRPR Datasheet HTML 5Page - Texas Instruments TMF0020DRPR Datasheet HTML 6Page - Texas Instruments TMF0020DRPR Datasheet HTML 7Page - Texas Instruments TMF0020DRPR Datasheet HTML 8Page - Texas Instruments TMF0020DRPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
4 Pin Configuration and Functions
Not to scale
1
GND
2
SDQ
3
NU
Figure 4-1. LP Package, 3-Pin TO-92 (Bottom View)
2
SDQ
3
GND
Not to scale
Thermal
Pad
6
NU
5
NU
4
NU
1
NU
Figure 4-2. DRP Package, 6-Pin VSON (Top View)
Table 4-1. Pin Functions
PIN
Type (1)
DESCRIPTION
NAME
NO.
TO-92
VSON
EP
—
EP
—
Exposed thermal pad. Connect to GND.
GND
1
3
GND
Ground
NU
3
1, 4, 5, 6
—
Non-usable terminal. Do not connect.
SDQ single-
wire serial
interface
2
2
I/O
Data. Open drain, requires external pullup resistor.
(1)
GND = ground, I/O = bidirectional
www.ti.com
TMF0020
SLVSJQ4 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMF0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com