Electronic Components Datasheet Search
  English  ▼

X  

TMF0020DRPR Datasheet(PDF) 6 Page - Texas Instruments

Part # TMF0020DRPR
Description  TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0020DRPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMF0020DRPR Datasheet HTML 2Page - Texas Instruments TMF0020DRPR Datasheet HTML 3Page - Texas Instruments TMF0020DRPR Datasheet HTML 4Page - Texas Instruments TMF0020DRPR Datasheet HTML 5Page - Texas Instruments TMF0020DRPR Datasheet HTML 6Page - Texas Instruments TMF0020DRPR Datasheet HTML 7Page - Texas Instruments TMF0020DRPR Datasheet HTML 8Page - Texas Instruments TMF0020DRPR Datasheet HTML 9Page - Texas Instruments TMF0020DRPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
5.6 Timing Requirements
Minimum and Maximum specifications apply from TA of −10°C to 85°C. Typical specifications are at 25°C and VPUP = 3.3V
and 5V (unless otherwise noted).
MIN
NOM
MAX
UNIT
I/O PIN: GENERAL DATA
tSTARTUP
Start-up time
Minimum time SDQ single-wire serial
interface must be HIGH before device
responds with a presence pulse
10
ms
tREC
Recovery Time
Standard speed(1) (2)
5
µs
Overdrive speed(1) (2)
5
µs
tREH
Rising-Edge Hold-Off Time
Standard speed(1) (2)
0.5
5
µs
tSLOT
Time Slot Duration
Standard speed(3)
65
µs
Overdrive speed(3)
11
µs
I/O PIN: SINGLE-WIRE RESET, PRESENCE-DETECT CYCLE
tRSTL
Reset Low Time
Standard speed
480
550
µs
Overdrive speed
48
80
µs
tPDH
Presence-Detect High Pulse
Standard speed
15
60
µs
Overdrive speed
2
6
µs
tPDL
Presence-Detect Low Time
Standard speed
60
240
µs
Overdrive speed
8
24
µs
tPDS
Presence-Detect Sample
Time (4),(5)
Standard speed
60
70
75
µs
Overdrive speed
6
8.7
10
µs
IO PIN: SINGLE-WIRE WRITE
tW0L
Write-Zero Low Time
Standard speed(6)
60
120
µs
Overdrive speed(6)
6
15.5
µs
tW1L
Write-One Low Time
Standard speed(6)
1
15
µs
Overdrive speed(6)
1
2
µs
IO PIN: SINGLE-WIRE READ
tRL
Read Low Time
Standard speed(2) (7)
5
15 - tRC
µs
Overdrive speed(2) (7)
1
2 - tRC
µs
tRDS
Read Sample Time (8)
Standard speed(2) (7)
tRL + tRC
15
µs
Overdrive speed(2) (7)
tRL + tRC
3
µs
FRAM
NCY
Write/Erase Cycles
(Endurance)(2)
1M
Cycles
tPROG
Programming Time(2)
For all 20Kb of memory
1
ms
tDR
Data Retention(9)
At 80°C
10
Years
At 85°C
7
(1)
Make sure the voltage on SDQ single-wire serial interface is less or equal to VILMAX at all times when the host is driving SDQ
single-wire serial interface to a logic 0 level.
(2)
Specified by design, characterization or simulation only. Not production tested.
(3)
Defines maximum possible bit rate.
(4)
Interval after tRSTL during which a bus host can read logic 0 on SDQ single-wire serial interface if a TMF0020 is present. The presence
detect pulse can be outside this interval, but is complete within 2ms after power-up. This behavior addresses the scenario where the
one-wire device has been powered off (bus low) for a long time. Bus power is then applied. The device is allowed to malfunction, and
generate a presence pulse that violates the presence timing specification. However, the abnormal condition is resolved typically within
10ms.
(5)
System requirement.
(6)
tε in Figure 6-18 and Figure 6-19 represents the time required for the pullup circuitry to raise the voltage on the SDQ single-wire serial
interface pin from VIL to VTH. Hence the actual maximum duration for the host to pull the line low is tW1LMAX + tF – tε and tW0LMAX + tF –
tε, respectively.
(7)
tRC in Figure 6-20 represents the time required for the pullup circuitry to raise the voltage on the SDQ single-wire serial interface pin
from VIL to the input-high threshold of the host device. Hence, the actual maximum duration for the host to pull the line low is tRLMAX +
tF.
TMF0020
SLVSJQ4 – MAY 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMF0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com