Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-I/SS Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F785-I/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-I/SS Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F785-I/SS Datasheet HTML 31Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 32Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 33Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 34Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 35Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 37Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 184 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41249B-page 33
PIC16F785
REGISTER 3-2:
OSCCON – OSCILLATOR CONTROL REGISTER (ADDRESS: 8Fh)
TABLE 3-4:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
U-0
R/W-1
R/W-1
R/W-0
R-q
R-0
R-0
R/W-0
—
IRCF2
IRCF1
IRCF0
OSTS(1)
HTS
LTS
SCS
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-4
IRCF<2:0>: Internal Oscillator Frequency Select bits
000
=31 kHz
001
= 125 kHz
010
= 250 kHz
011
= 500 kHz
100
=1 MHz
101
=2 MHz
110
=4 MHz
111
=8 MHz
bit 3
OSTS: Oscillator Start-up Time-out Status bit(1)
1
= Device is running from the external system clock defined by FOSC<2:0>
0
= Device is running from the internal system clock (HFINTOSC or LFINTOSC)
bit 2
HTS: HFINTOSC (High Frequency – 8 MHz to 125 kHz) Status bit
1
=HFINTOSC is stable
0
= HFINTOSC is not stable
bit 1
LTS: LFINTOSC (Low Frequency – 31 kHz) Stable bit
1
= LFINTOSC is stable
0
= LFINTOSC is not stable
bit 0
SCS: System Clock Select bit
1
= Internal oscillator is used for system clock
0
= Clock source defined by FOSC<2:0>
Note 1: Bit resets to ‘0’ with Two-Speed Start-up and LP, XT or HS selected as the Oscillator
mode or Fail-Safe mode is enabled, otherwise this bit resets to ‘1’.
Legend:
q = value depends on condition
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
0Ch
PIR1
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF
0000 0000
0000 0000
8Ch
PIE1
EEIE
ADIE
CCP1IE
C2IE
C1IE
OSFIE
TMR2IE
TMR1IE
0000 0000
0000 0000
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 q000
-110 q000
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
---u uuuu
2007h(1)
CONFIG
CPD
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’, q = value depends on condition. Shaded cells are not used by
oscillators.
Note
1:
See Register 15-1 for operation of all Configuration Word bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com