Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-I/SS Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F785-I/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-I/SS Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F785-I/SS Datasheet HTML 69Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 70Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 71Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 72Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 73Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 74Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 75Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 76Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41249B-page 71
PIC16F785
10.0
VOLTAGE REFERENCES
There are two voltage references available in the
PIC16F785: The voltage referred to as the comparator
reference (CVREF) is a variable voltage based on VDD;
The voltage referred to as the VR reference (VR) is a
fixed voltage derived from a stable band gap source.
Each source may be individually routed internally to the
comparators or output, buffered or unbuffered, on the
RA1/AN1/C12IN0-/VREF/ICSPCLK pin.
10.1
Comparator Reference
The comparator module also allows the selection of an
internally generated voltage reference for one of the
comparator inputs. The VRCON register
(Register 10-1) controls the voltage reference module
shown in Figure 10-1.
10.1.1
CONFIGURING THE VOLTAGE
REFERENCE
The voltage reference can output 32 distinct voltage
levels, 16 in a high range and 16 in a low range.
The following equation determines the output voltages:
EQUATION 10-1:
CVREF OUTPUT VOLTAGE
10.1.2
VOLTAGE REFERENCE
ACCURACY/ERROR
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 10-1) keep CVREF from approaching VSS or
VDD. The exception is when the module is disabled by
clearing all CVROE, C1VREN and C2VREN bits. When
disabled, the reference voltage is VSS when VR<3:0>
is ‘0000’ and the VRR (VRCON<5>) bit is set. This
allows the comparators to detect a zero-crossing and
not consume CVREF module current.
The voltage reference is VDD derived and therefore, the
CVREF output changes with fluctuations in VDD. The
tested absolute accuracy of the comparator voltage
reference can be found in Table 18-8.
FIGURE 10-1:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
VRR = 1 (low range):
CVREF = VR<3:0> X VDD/24
VRR = 0 (high range):
CVREF = (VDD/4) + (VR<3:0> X VDD/32)
VRR
8R
VR3:VR0
16-1 Analog
8R
RR
RR
C1VREF to
16 Stages
Comparator 1
Input
CVREN(1)
VDD
MUX
0
1
C2VREF to
Comparator 2
Input
0
1
VR
1.2 V
C2VREN
C1VREN
CVREF
CVROE
Note
1: See Register 10-1, bits 3-0.
15
0
·
·
·



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com