Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-I/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F785-I/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-I/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F785-I/SS Datasheet HTML 9Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 10Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 11Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 12Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 13Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 14Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 15Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41249B-page 11
PIC16F785
TABLE 2-2:
PIC16F785 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
22,114
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
49,114
02h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
21,114
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
15,114
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
22,114
05h
PORTA(1)
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--x0 x000
35,114
06h
PORTB(1)
RB7
RB6
RB5
RB4
—
—
—
—
xx00 ----
42,114
07h
PORTC(1)
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
00xx 0000
45,114
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for Upper 5 bits of Program Counter
---0 0000
21,114
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
17,114
0Ch
PIR1
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF
0000 0000
19,114
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
51,114
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
51,114
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
53,114
11h
TMR2
Timer2 Module Register
0000 0000
55,114
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
55,114
13h
CCPR1L
Capture/Compare/PWM Register1 Low Byte
xxxx xxxx
57,114
14h
CCPR1H
Capture/Compare/PWM Register1 High Byte
xxxx xxxx
57,114
15h
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
57,114
16h
—
Unimplemented
—
—
17h
—
Unimplemented
—
—
18h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
---0 1000
122,114
19h
—
Unimplemented
—
—
1Ah
—
Unimplemented
—
—
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH
Most Significant 8 bits of the left justified A/D result or 2 bits of right justified result
xxxx xxxx
81,114
1Fh
ADCON0
ADFM
VCFG
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
83,114
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Port pins with analog functions controlled by the ANSEL0 and ANSEL1 registers will read ‘0’ immediately after a Reset even though the
data latches are either undefined (POR) or unchanged (other Resets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com