Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785-I/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F785-I/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785-I/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F785-I/SS Datasheet HTML 35Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 36Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 37Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F785-I/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 184 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41249B-page 37
PIC16F785
4.2.2
INTERRUPT-ON-CHANGE
Each of the PORTA pins is individually configurable as
an interrupt-on-change pin. Control bits IOCAx enable
or disable the interrupt function for each pin. Refer to
Register 4-4. The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTA. The ‘mismatch’ outputs of the last read are
OR'd together to set, the PORTA Change Interrupt flag
bit (RAIF) in the INTCON register (Register 2-3).
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, clears the
interrupt by:
a)
Any read or write of PORTA. This will end the
mismatch condition, then,
b)
Clear the flag bit RAIF.
A mismatch condition will continue to set flag bit RAIF.
Reading PORTA will end the mismatch condition and
allow flag bit RAIF to be cleared. The latch holding the
last read value is neither affected by an MCLR nor BOR
Reset. After these resets, the RAIF flag will continue to
be set if a mismatch is present.
REGISTER 4-4:
IOCA – INTERRUPT-ON-CHANGE PORTA REGISTER (ADDRESS: 96h)(1)
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RAIF
interrupt flag may not get set.
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—IOCA5(2)
IOCA4(2)
IOCA3
IOCA2
IOCA1
IOCA0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
IOCA<5:0>: Interrupt-on-change PORTA Control bits(2)
1
= Interrupt-on-change enabled
0
= Interrupt-on-change disabled
Note 1: Global interrupt enable (GIE) must be enabled for individual interrupts to be
recognized.
2: IOCA<5:4> always reads ‘1’ in XT, HS and LP OSC modes.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com