Electronic Components Datasheet Search
  English  ▼

X  

KB1365 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB1365
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB1365 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB1365 Datasheet HTML 1Page - Kingbor Technology Co KB1365 Datasheet HTML 2Page - Kingbor Technology Co KB1365 Datasheet HTML 3Page - Kingbor Technology Co KB1365 Datasheet HTML 4Page - Kingbor Technology Co KB1365 Datasheet HTML 5Page - Kingbor Technology Co KB1365 Datasheet HTML 6Page - Kingbor Technology Co KB1365 Datasheet HTML 7Page - Kingbor Technology Co KB1365 Datasheet HTML 8Page - Kingbor Technology Co KB1365 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
KB1365
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
REV: 1.0
Many types of capacitors can be used for input bypassing,
however, caution must be exercised when using multi-
layer ceramic capacitors. Because of the self-resonant and
high Q characteristics of some types of ceramic capaci-
tors, high voltage transients can be generated under some
start-up conditions, such as connecting the charger input
to a live power source. Adding a 2.2
Ω resistor in series
with an X5R ceramic capacitor will minimize start-up
voltage transients.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE DRIVER
Gate Driver Source Current
VCSN = VIN, VDRV = 0.5 x VCC
0.5
A
Gate Driver Sink Current
VCSN = VIN - 250mV, VDRV = 0.5 x VCC
1A
Gate Driver Output-Voltage High
VOH
IDRV = 10mA
VCC - 0.5
V
Gate Driver Output-Voltage Low
VOL
IDRV = -10mA
0.5
V
DIM INPUT
Maximum DIM Frequency
fDIM
20
kHz
DIM Input-Voltage High
VIH
VCSN = VIN, increase DIM until VDRV >
(VCC - 0.5V)
2.8
V
DIM Input-Voltage Low
VIL
VCSN = VIN, decrease DIM until
VDRV < 0.5V
0.6
V
DIM Hysteresis
DIMHYS
200
mV
DIM Turn-On Time
tDIMON
DIM rising edge to VDRV = 0.5 x VCC,
CDRV = 1nF
100
ns
DIM Turn-Off Time
tDIMOFF
DIM falling edge to VDRV = 0.5 x VCC,
CDRV = 1nF
100
ns
DIM Input Leakage High
VDIM = VIN
10
µA
DIM Input Leakage Low
VDIM = 0V
-1
+1
µA
VCC REGULATOR
IVCC = 0.1mA to 10mA, VIN = 5.5V to 40V
4.5
5.5
V
Regulator Output Voltage
VCC
IVCC = 0.1mA to 10mA, VIN = 5.5V to 40V
4.0
5.5
V
Load Regulation
IVCC = 0.1mA to 10mA, VIN = 12V
4
Ω
Line Regulation
VIN = 6V to 40V, IVCC = 10mA
11
mV
Power-Supply Rejection Ratio
PSRR
VIN = 12V, IVCC = 5mA, fIN = 10kHz
-35
dB
VIN = 5.5V, VCC = 0V
45
mA
Current Limit
ILIM
VIN = 5.5V, VCC = 4V
18
mA
Regulator Startup Time
tSTRAT
VCC = 0 to 5.5V
350
us
(VIN = 12V, VDIM = VCC, CVCC = 1µF, RSENSE = 0.5 , TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at TJ = +25°C and +125°C. Limits to -40°C are guaranteed by design.
6.0
ELECTRICAL CHARACTERISTICS
Note 2: Vin Bypass Capacitor
Layout suggestion
VIN
KB1365
L
NMOS
GND
Rs
D
LED+ LED
DIM
100uH
(6V max)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com