Electronic Components Datasheet Search
  English  ▼

X  

KB1365 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB1365
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB1365 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB1365 Datasheet HTML 1Page - Kingbor Technology Co KB1365 Datasheet HTML 2Page - Kingbor Technology Co KB1365 Datasheet HTML 3Page - Kingbor Technology Co KB1365 Datasheet HTML 4Page - Kingbor Technology Co KB1365 Datasheet HTML 5Page - Kingbor Technology Co KB1365 Datasheet HTML 6Page - Kingbor Technology Co KB1365 Datasheet HTML 7Page - Kingbor Technology Co KB1365 Datasheet HTML 8Page - Kingbor Technology Co KB1365 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
KB1365
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
REV: 1.0
(VIN = VDIM = 12V, CVCC = 1µF, RSENSE = 0.5
connected between IN and CSN. Typical values at TA = +25°C, unless otherwise
noted.)
EFFICIENCY vs. VIN
DRV SWITCHING FREQUENCY
vs. VIN
VIN (V)
32
26
20
12
8
100
200
300
400
600
500
700
800
900
1000
1100
1200
1300
1400
1500
0
L = 47
µH
LED 5
LED 4
LED 3
LED 1
LED 2
LED CURRENT VARIATION vs. VIN
VIN (V)
30
25
15
20
-1.5
-1.0
-0.5
0
1.0
0.5
1.5
2.0
-2.0
LED 5
LED 4
LED 3
LED 2
LED 1
ILED(NOMINAL) = 400mA
L = 100
µH
VCC vs. VIN
VIN (V)
25.0
22.5
17.5 20.0
10.0 12.5 15.0
7.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
5.0
40
ILED = 0
VCC vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
5.31
5.32
5.33
5.34
5.35
5.36
5.37
5.38
5.39
5.40
5.30
-40
125
VIN = 24V
VIN = 12V
VDIM = 0V
SUPPLY CURRENT vs. VIN
VIN (V)
24.5
12.5
20.5
16.5
8.5
350
400
450
500
4.5
40
VDIM = 0V
PWM DIMMING AT 200Hz
(10% DUTY CYCLE)
1ms/div
VDIM
2V/div
0V
0A
ILED
200mA/div
VIN = 12V, L = 47
µH,
1 LED
PWM DIMMING AT 200Hz
(90% DUTY CYCLE)
1ms/div
VDIM
2V/div
0V
0A
ILED
200mA/div
VIN = 12V, L = 47
µH,
1 LED
1,3 and 7 LEDs
L = 100 H
60
65
70
75
80
85
90
95
100
010
20
30
40
Supply Voltage V
IN (V)
1 Led
3 Led
7 Led
TYPICAL PERFORMANCE CHARACTERISTICS
0
40
40
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com